Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297A Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 43Page - Cirrus Logic CS4297A Datasheet HTML 44Page - Cirrus Logic CS4297A Datasheet HTML 45Page - Cirrus Logic CS4297A Datasheet HTML 46Page - Cirrus Logic CS4297A Datasheet HTML 47Page - Cirrus Logic CS4297A Datasheet HTML 48Page - Cirrus Logic CS4297A Datasheet HTML 49Page - Cirrus Logic CS4297A Datasheet HTML 50Page - Cirrus Logic CS4297A Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
CS4297A
47
Interchannel Isolation
The amount of 1 kHz signal present on the output of the grounded AC-coupled line input channel with 1
kHz, 0 dB, signal present on the other line input channel. Units are in dB.
Line-level
Refers to a consumer equipment compatible, voltage driven interface. The term implies a low driver
impedance and a minimum 10
k
Ω load impedance.
Paths
A-D: Analog in, through the ADCs, onto the serial link.
D-A: Serial interface inputs through the DACs to the analog output.
A-A: Analog in to Analog out (analog mixer).
PC 99
Refers to the PC 99 System Design Guide published by the Microsoft® Corporation [7].
PLL
Phase Lock Loop. Circuitry for generating a desired clock from an external clock source.
Resolution
The number of bits in the output words to the DACs, and in the input words to the ADCs.
Signal to Noise Ratio (SNR)
SNR, similar to DR, is the ratio of an arbitrary sinusoidal input signal to the RMS sum of the noise floor,
in the presence of a signal. It is measured over a 20 Hz to 20 kHz bandwidth with units in dB.
S/PDIF
Sony/Phillips Digital Interface. This interface was established as a means of digitally interconnecting
consumer audio equipment. The documentation for S/PDIF has been superseded by the IEC-958
consumer digital interface document.
SRC
Sample Rate Converter. Converts data derived at one sample rate to a differing sample rate. The
CS4297A operates at a fixed sample frequency of 48 kHz. The internal sample rate converters are used
to convert digital audio streams playing back at other frequencies to 48 kHz.
Total Harmonic Distortion plus Noise (THD+N)
THD+N is the ratio of the RMS sum of all non-fundamental frequency components, divided by the RMS
full-scale signal level. It is tested using a -3 dB FS input signal and is measured over a 20 Hz to 20 kHz
bandwidth with units in dB FS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com