Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297A Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 23Page - Cirrus Logic CS4297A Datasheet HTML 24Page - Cirrus Logic CS4297A Datasheet HTML 25Page - Cirrus Logic CS4297A Datasheet HTML 26Page - Cirrus Logic CS4297A Datasheet HTML 27Page - Cirrus Logic CS4297A Datasheet HTML 28Page - Cirrus Logic CS4297A Datasheet HTML 29Page - Cirrus Logic CS4297A Datasheet HTML 30Page - Cirrus Logic CS4297A Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
CS4297A
27
4.13
Powerdown Control/Status Register (Index 26h)
EAPD
External Amplifier Power Down. The EAPD pin follows this bit and is generally used to power
down external amplifiers.
PR6
Alternate Line Out Powerdown. When ‘set’, the alternate line out buffer is powered down.
PR5
Internal Clock Disable. When ‘set’, this bit completely powers down both the analog and digital
sections of the CS4297A. The only way to recover from setting this bit is through a Cold Reset
(driving the RESET# signal active).
PR4
AC-link Powerdown. When ‘set’, the AC link is powered down (BIT_CLK off). The AC-link can
be restarted through a Warm Reset using the SYNC signal, or a Cold Reset using the RESET#
signal (primary audio codec only).
PR3
Analog Mixer Powerdown (Vref off). When ‘set’, the analog mixer and voltage reference are
powered down. When clearing this bit, the ANL, ADC, and DAC bits should be checked before
writing any mixer registers.
PR2
Analog Mixer Powerdown (Vref on). When ‘set’, the analog mixer is powered down (the voltage
reference is still active). When clearing this bit, the ANL bit should be checked before writing
any mixer registers.
PR1
Front DACs Powerdown. When ‘set’, the DACs are powered down. When clearing this bit, the
DAC bit should be checked before sending any data to the DACs.
PR0
L/R ADCs and Input Mux Powerdown. When ‘set’, the ADCs and the ADC input muxes are pow-
ered down. When clearing this bit, no valid data will be sent down the AC link until the ADC bit
goes high.
REF
Voltage Reference Ready Status. When ‘set’, indicates the voltage reference is at a nominal
level.
ANL
Analog Ready Status. When ‘set’, the analog output mixer, input multiplexer, and volume con-
trols are ready. When clear, no volume control registers should be written.
DAC
Front DAC Ready Status. When ‘set’, the DACs are ready to receive data across the AC link.
When clear, the DACs will not accept any valid data.
ADC
L/R ADC Ready Status. When ‘set’, the ADCs are ready to send data across the AC link. When
clear, no data will be sent to the Controller.
Default
0000h. This value indicates all blocks are powered on. The lower four bits will change as the
CS4297A finishes an initialization and calibration sequence.
The PR[6:0] and the EAPD bits are powerdown control for different sections of the CS4297A as well as external
amplifiers. The REF, ANL, DAC, and ADC bits are read-only status bits which, when ‘set’, indicate that a particular
section of the CS4297A is ready. After the controller receives the Codec Ready bit in input Slot 0, these status bits
must be checked before writing to any mixer registers. See Section 5, Power Management, for more information on
the powerdown functions.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
0
0
0
0
REF
ANL
DAC
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com