Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 20Page - Cirrus Logic CS4297A Datasheet HTML 21Page - Cirrus Logic CS4297A Datasheet HTML 22Page - Cirrus Logic CS4297A Datasheet HTML 23Page - Cirrus Logic CS4297A Datasheet HTML 24Page - Cirrus Logic CS4297A Datasheet HTML 25Page - Cirrus Logic CS4297A Datasheet HTML 26Page - Cirrus Logic CS4297A Datasheet HTML 27Page - Cirrus Logic CS4297A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
CS4297A
24
4.8
Stereo Analog Mixer Input Gain Registers (Index 10h - 18h)
Mute
Stereo Input Mute. Setting this bit mutes the respective input signal, both right and left inputs.
GL[4:0]
Left Volume Control. The GL[4:0] bits are used to control the gain level of the left analog input
source to the Input Mixer. Each step corresponds to 1.5 dB gain adjustment, with 01000 = 0 dB.
The total range is +12 dB to -34.5 dB gain. See Table 4 for further details.
GR[4:0]
Right Volume Control. The GR[4:0] bits are used to control the gain level of the right analog in-
put source to the Input Mixer. Each step corresponds to 1.5 dB gain adjustment, with 01000 =
0 dB. The total range is +12 dB to -34.5 dB gain. See Table 4 for further details.
Default
8808h. This value corresponds to 0 dB gain and Mute ‘set’.
The Stereo Analog Mixer Input Gain Registers are listed in Table 5.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
0
GL4
GL3
GL2
GL1
GL0
0
0
0
GR4
GR3
GR2
GR1
GR0
Gx[4:0]
Gain Level
00000
+12.0 dB
00001
+10.5 dB
……
00111
+1.5 dB
01000
0.0 dB
01001
-1.5 dB
……
11111
-34.5 dB
Table 4. Analog Mixer Input Gain Values
Register Index
Function
10h
Line In Volume
12h
CD Volume
14h
Video Volume
16h
Aux Volume
18h
PCM Out Volume
Table 5. Stereo Volume Register Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com