Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297A Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 28Page - Cirrus Logic CS4297A Datasheet HTML 29Page - Cirrus Logic CS4297A Datasheet HTML 30Page - Cirrus Logic CS4297A Datasheet HTML 31Page - Cirrus Logic CS4297A Datasheet HTML 32Page - Cirrus Logic CS4297A Datasheet HTML 33Page - Cirrus Logic CS4297A Datasheet HTML 34Page - Cirrus Logic CS4297A Datasheet HTML 35Page - Cirrus Logic CS4297A Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
CS4297A
32
5. POWER MANAGEMENT
5.1
AC ’97 Reset Modes
The CS4297A supports three reset methods, as de-
fined in the AC ’97 Specification: Cold AC ’97 Re-
set, Warm AC ’97 Reset, Register AC ’97 Reset. A
Cold Reset results in all AC ’97 logic (registers in-
cluded) initialized to its default state. A Warm Re-
set leaves the contents of the AC ’97 register set
unaltered. A Register Reset initializes only the
AC ’97 registers to their default states.
5.1.1
Cold AC ‘97 Reset
A Cold Reset is achieved by asserting RESET# for
a minimum of 1 µs after the power supply rails
have stabilized. This is done in accordance with the
minimum timing specifications in the AC ’97 Seri-
al Port Timing section on page 7. Once deasserted,
all of the CS4297A registers will be reset to their
default power-on states and the BIT_CLK and
SDATA_IN signals will be reactivated.
5.1.2
Warm AC ’97 Reset
A Warm Reset allows the AC-link to be reactivated
without losing information in the CS4297A regis-
ters. A Warm Reset is required to resume from a
D3hot state, where the AC-link had been halted yet
full power had been maintained. A primary codec
Warm Reset is initiated when the SYNC signal is
driven high for at least 1 µs and then driven low in
the absence of the BIT_CLK clock signal. The
BIT_CLK clock will not restart until at least 2 nor-
mal BIT_CLK clock periods (162.8 ns) after the
SYNC signal is deasserted. A Warm Reset of the
secondary codec is recognized when the primary
codec on the AC-link resumes BIT_CLK genera-
tion. The CS4297A will wait for BIT_CLK to be
stable to restore SDATA_IN activity and/or
S/PDIF transmission on the following frame.
5.1.3
Register AC ’97 Reset
The third reset mode provides a Register Reset to
the CS4297A. This is available only when the
CS4297A AC-link is active and the Codec Ready
bit is ‘set’. The audio (including extended audio)
registers (Index 00h - 38h) and the vendor specific
registers (Index 5Ah - 7Ah) are reset to their default
states by a write of any value to the Reset Register
(Index 00h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com