Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4926 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4926
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4926 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4926 Datasheet HTML 2Page - Cirrus Logic CS4926 Datasheet HTML 3Page - Cirrus Logic CS4926 Datasheet HTML 4Page - Cirrus Logic CS4926 Datasheet HTML 5Page - Cirrus Logic CS4926 Datasheet HTML 6Page - Cirrus Logic CS4926 Datasheet HTML 7Page - Cirrus Logic CS4926 Datasheet HTML 8Page - Cirrus Logic CS4926 Datasheet HTML 9Page - Cirrus Logic CS4926 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
CS4923/4/5/6/7/8/9
6
DS262F2
SWITCHING CHARACTERISTICS—CMPDAT, CMPCLK
(TA = 25 °C; VA, VD = 3.3 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Parameter
Symbol
Min
Max
Unit
Serial compressed data clock CMPCLK period
Tcmpclk
37
-
ns
CMPDAT setup before CMPCLK high
Tcmpsu
5-
ns
CMPDAT hold after CMPCLK high
Tcmphld
3-
ns
CMPCLK
Tcmpsu
Tcmpclk
CMPDAT
Tcmphld
Figure 2. Serial Compressed Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com