Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4926 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4926
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4926 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4926 Datasheet HTML 4Page - Cirrus Logic CS4926 Datasheet HTML 5Page - Cirrus Logic CS4926 Datasheet HTML 6Page - Cirrus Logic CS4926 Datasheet HTML 7Page - Cirrus Logic CS4926 Datasheet HTML 8Page - Cirrus Logic CS4926 Datasheet HTML 9Page - Cirrus Logic CS4926 Datasheet HTML 10Page - Cirrus Logic CS4926 Datasheet HTML 11Page - Cirrus Logic CS4926 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
CS4923/4/5/6/7/8/9
8
DS262F2
SWITCHING CHARACTERISTICS—INTEL® HOST MODE
(TA = 25 °C; VA, VD = 3.3 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. Certain timing parameters are normalized to the DSP clock, DCLK, in nanoseconds. The DSP clock can
be defined as follows:
External CLKIN Mode:
DCLK == CLKIN/3 before and during boot
DCLK == CLKIN after boot
Internal Clock Mode:
DCLK == 10MHz before and during boot, i.e. DCLK == 100ns
DCLK == 60 MHz after boot, i.e. DCLK == 16.7ns (this speed may depend on CLKIN, please see
CS4923/4/5/6/7/8/9 Hardware User’s Guide for more information)
2. This specification is characterized but not production tested.
Parameter
Symbol
Min
Max
Unit
Address setup before CS and RD low or CS and WR low
Tias
5-
ns
Address hold time after CS and RD low or CS and WR low
Tiah
5-
ns
Delay between RD then CS low or CS then RD low
Ticdr
0
∞
ns
Data valid after CS and RD low
Tidd
-20
ns
CS and RD low for read
(Note 1)
Tirpw
DCLK + 10
-
ns
Data hold time after CS or RD high
Tidhr
5-
ns
Data high-Z after CS or RD high
(Note 2)
Tidis
-15
ns
CS or RD high to CS and RD low for next read
(Note 1)
Tird
2*DCLK + 10
-
ns
CS or RD high to CS and WR low for next write
(Note 1)
Tirdtw
2*DCLK + 10
-
ns
Delay between WR then CS low or CS then WR low
Ticdw
0
∞
ns
Data setup before CS or WR high
Tidsu
20
-
ns
CS and WR low for write
(Note 1)
Tiwpw
DCLK + 10
-
ns
Data hold after CS or WR high
Tidhw
5-
ns
CS or WR high to CS and RD low for next read
(Note 1)
Tiwtrd
2*DCLK + 10
-
ns
CS or WR high to CS and WR low for next write
(Note 1)
Tiwd
2*DCLK + 10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com