Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4926 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4926
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4926 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4926 Datasheet HTML 16Page - Cirrus Logic CS4926 Datasheet HTML 17Page - Cirrus Logic CS4926 Datasheet HTML 18Page - Cirrus Logic CS4926 Datasheet HTML 19Page - Cirrus Logic CS4926 Datasheet HTML 20Page - Cirrus Logic CS4926 Datasheet HTML 21Page - Cirrus Logic CS4926 Datasheet HTML 22Page - Cirrus Logic CS4926 Datasheet HTML 23Page - Cirrus Logic CS4926 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
CS4923/4/5/6/7/8/9
20
DS262F2
2.
FAMILY OVERVIEW
The CS4923, CS4924, CS4925, CS4926, CS4927,
CS4928 and the CS4929 are system on a chip
solutions for multi-channel (or stereo in the case of
the CS4929) audio decompression and digital
signal processing. Because the parts are primarily
RAM-based, a download of application software is
required each time the CS4923/4/5/6/7/8/9 is
powered up. This document uses “download” and
“code load” interchangeably. These terms should
be
interpreted
as
meaning
the
transfer
of
application
code
into
the
internal
CS4923/4/5/6/7/8/9
memory
from
either
an
external microcontroller or through the autoboot
procedure.
This document focuses on the electrical features
and characteristics of these parts. The different
features are described from a hardware design
perspective. It should be understood that not all of
the features portrayed in this document are
supported by all of the versions of application code
available. The application user’s guides (see
section 2.2.2) should be consulted to confirm
which hardware features are supported by the
software. This document will be valuable to both
the hardware designer and the system programmer.
This data sheet covers the CS4923, CS4924,
CS4925, CS4926, CS4927, CS4928 and CS4929.
These parts are identical from an external electrical
perspective. Internally each device has been
tailored
for
supporting
different
decoding
standards. For this document CS4923/4/5/6/7/8/9
has been replaced in certain places with CS492X
for
readability.
Unless
otherwise
specified
CS492X should be interpreted as applying to the
CS4923, CS4924, CS4925, CS4926, CS4927,
CS4928 and CS4929.
There are two revisions of silicon commercially
available. The features available on Revision D are
a super-set of those features available on Revision
B. Differences between the revisions are pointed
out when features are discussed within this
document. The silicon revision for any chip can be
determined by referencing Table 1 below.
These parts are generally targeted at two different
market segments. The broadcast market where
audio/video (A/V) synchronization is required, and
the outboard decoder markets where audio/video
synchronization is not required. The important
differentiation is the format in which the data will
be received by the CS4923/4/5/6/7/8/9. In systems
where A/V synchronization is required from the
CS4923/4/5/6/7/8/9, the incoming data is typically
PES encoded. In an outboard decoder application
the data typically comes in the IEC61937 format
(as specified by the DVD consortium). An
important
point
to
remember
is
that
the
CS4923/4/5/6/7/8/9
will
support
both
environments, but different downloads are required
depending on the input data type.
Broadcast applications include (but are not limited
to) set top box applications, DVDs and digital TVs.
Outboard decoder applications include standalone
decoders and audio/video receivers. Often times a
system may be a hybrid between an outboard
decoder and a broadcast system depending on its
functionality.
As discussed above, compressed audio can be
packed in IEC61937, PES, or elementary formats
depending on the decoder environment. Each for-
mat is supported by a separate download of appli-
cation code. Consult the relevant Application Code
Revision B
Revision D
CS492301
CS492305
CS492401
CS492405
CS492501
CS492505
CS492603
CS492604
CS492705
CS492804
CS492906
Table 1. Silicon Revisions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com