Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4926 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS4926
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4926 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS4926 Datasheet HTML 48Page - Cirrus Logic CS4926 Datasheet HTML 49Page - Cirrus Logic CS4926 Datasheet HTML 50Page - Cirrus Logic CS4926 Datasheet HTML 51Page - Cirrus Logic CS4926 Datasheet HTML 52Page - Cirrus Logic CS4926 Datasheet HTML 53Page - Cirrus Logic CS4926 Datasheet HTML 54Page - Cirrus Logic CS4926 Datasheet HTML 55Page - Cirrus Logic CS4926 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
CS4923/4/5/6/7/8/9
52
DS262F2
AUDATA1—Digital Audio Output 1: Pin 40
PCM multi-format digital-audio data output, capable of two-channel 20-bit output. This PCM
output defaults to DGND as output until enabled by the DSP software. OUTPUT
AUDATA0—Digital Audio Output 0: Pin 41
PCM multi-format digital-audio data output, capable of two-, four-, or six-channel 20-bit
output. This PCM output defaults to DGND as output until enabled by the DSP software.
OUTPUT
MCLK—Audio Master Clock: Pin 44
Bidirectional master audio clock. MCLK can be an output from the CS4923/4/5/6/7/8/9 that
provides an oversampled audio-output clock at either 128 Fs, 256 Fs, or 512 Fs. MCLK can be
an input at 128 Fs, 256 Fs, 384 Fs, or 512 Fs. MCLK is used to derive SCLK and LRCLK
when SCLK and LRCLK are driven by the CS492X. BIDIRECTIONAL - Default: INPUT
SCLK—Audio Output Bit Clock: Pin 43
Bidirectional digital-audio output bit clock. SCLK can be an output that is derived from MCLK
to provide 32 Fs, 64 Fs, 128 Fs, 256 Fs, or 512 Fs, depending on the MCLK rate and the
digital-output configuration. SCLK can also be an input and must be at least 48Fs or greater.
As an input, SCLK is independent of MCLK. BIDIRECTIONAL - Default: INPUT
LRCLK—Audio Output Sample Rate Clock: Pin 42
Bidirectional digital-audio output-sample-rate clock. LRCLK can be an output that is divided
from MCLK to provide the output sample rate depending on the output configuration. LRCLK
can also be an input. As an input LRCLK is independent of MCLK.
BIDIRECTIONAL - Default: INPUT
XMT958—SPDIF Transmitter Output: Pin 3
CMOS level output that contains a biphase-encoded clock for synchronously providing two
channels of PCM digital audio or a IEC61937 compressed-data interface or both. This output
typically connects to the input of an RS-422 transmitter or to the input of an optical transmitter.
OUTPUT
SCLKN1, STCCLK2—PCM Audio Input Bit Clock: Pin 25
Bidirectional digital-audio bit clock that is an output in master mode and an input in slave
mode. In slave mode, SCLKN1 operates asynchronously from all other CS492X clocks. In
master mode, SCLKN1 is derived from the CS492X internal clock generator. In either master
or slave mode, the active edge of SCLKN1 can be programmed by the DSP. For applications
supporting PES layer synchronization this pin can be used as STCCLK2, which provides a path
to the internal STC 33 bit counter. BIDIRECTIONAL - Default: INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com