Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4926 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4926
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4926 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4926 Datasheet HTML 24Page - Cirrus Logic CS4926 Datasheet HTML 25Page - Cirrus Logic CS4926 Datasheet HTML 26Page - Cirrus Logic CS4926 Datasheet HTML 27Page - Cirrus Logic CS4926 Datasheet HTML 28Page - Cirrus Logic CS4926 Datasheet HTML 29Page - Cirrus Logic CS4926 Datasheet HTML 30Page - Cirrus Logic CS4926 Datasheet HTML 31Page - Cirrus Logic CS4926 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
CS4923/4/5/6/7/8/9
28
DS262F2
Figure 16. SPI Control with External Memory
NOTE: A capacitor pair (1 u F and 0.1 uF) must be supplied for each power pin.
SYSTEM
MICRO
CONTROL LER
D[7:0]
Q[7:0]
D[7:0]
Q[7:0]
OCTAL F/ F
OCTAL F/ F
EXTERNAL
RO M
A[7:0 ]
A[15:8]
D[7:0 ]
/CE
/O E
DIR or
ADCs
DAC s
OSCILLATOR
NOTE: +3.3VA is simply +3.3VD after fil tering through the ferrite bead. Pin 32 must be referenced to +3.3VA
EMAD[7:0]
+3.3V Supply (+3.3VD)
+3.3VD
+3.3VD
+3.3VA
+3.3VA
0.1 uF
+
1 uF
0.1 uF
+
1 uF
0.1 uF
+
1 uF
+
1 uF
0.1 uF
FERRITE BEAD
33
OPT_TX
33
33
+
47 uF
+
2.2 uF
0.22 uF
CS4923/4/5/6/7/8/9
3
4
5
6
7
8
9
10
11
14
15
16
17
18
19
20
21
22
25
26
27
28
29
30
31
32
33
36
37
38
39
40
41
42
43
44
XMT958
WR__GPIO10
RD__EMOE
SCDIN
SCCLK
EMAD7
EMAD6
EMAD5
EMAD4
EMAD3
EMAD2
EMAD1
EMAD0
CS
SCDOUT
INTREQ__ABOOT
EXTMEM
S DATA N
SCLKN
SLRCLKN
CMPD AT
CMPCLK
CMPREQ
CLKIN
CLKSEL
FLT2
FLT1
RESET
DD
DC
AU DATA 2
AU DATA 1
AU DATA 0
LRCLK
SCLK
MCLK
NOTE: Only AUDATA0 connection applies for the CS492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com