Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
3638M–DFLASH–5/2013
AT45DB021D
7.1.1
Erase Sector Protection Register Command
In order to modify and change the values of the Sector Protection Register, it must first be erased using the Erase
Sector Protection Register command.
To erase the Sector Protection Register, the CS pin must first be asserted as it would be with any other command.
Once the CS pin has been asserted, the appropriate 4-byte opcode sequence must be clocked into the device via
the SI pin. The 4-byte opcode sequence must start with 3DH and be followed by 2AH, 7FH, and CFH. After the last
bit of the opcode sequence has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
erase cycle. The erasing of the Sector Protection Register should take place in a time of tPE, during which time the
Status Register will indicate that the device is busy. If the device is powered-down before the completion of the
erase cycle, then the contents of the Sector Protection Register cannot be guaranteed.
The Sector Protection Register can be erased with the sector protection enabled or disabled. Since the erased
state (FFH) of each byte in the Sector Protection Register is used to indicate that a sector is specified for
protection, leaving the sector protection enabled during the erasing of the register allows the protection scheme to
be more effective in the prevention of accidental programming or erasing of the device. If for some reason an
erroneous program or erase command is sent to the device immediately after erasing the Sector Protection
Register and before the register can be reprogrammed, then the erroneous program or erase command will not be
processed because all sectors would be protected.
Table 7-4.
Erase Sector Protection Register Command
Figure 7-2.
Erase Sector Protection Register
7.1.2
Program Sector Protection Register Command
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector
Protection Register command.
To program the Sector Protection Register, the CS pin must first be asserted and the appropriate 4-byte opcode
sequence must be clocked into the device via the SI pin. The 4-byte opcode sequence must start with 3DH and be
followed by 2AH, 7FH, and FCH. After the last bit of the opcode sequence has been clocked into the device, the
data for the contents of the Sector Protection Register must be clocked in. As described in Section 7.1, the Sector
Protection Register contains 4-bytes of data, so 4-bytes must be clocked into the device. The first byte of data
corresponds to sector zero, the second byte corresponds to sector one, the third byte corresponds to sector two,
and the last byte of data corresponding to sector three.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
program cycle. The programming of the Sector Protection Register should take place in a time of tP, during which
time the Status Register will indicate that the device is busy. If the device is powered-down during the program
cycle, then the contents of the Sector Protection Register cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of
the sectors corresponding to the bytes not clocked in can not be guaranteed. For example, if only the first two bytes
are clocked in instead of the complete 8-bytes, then the protection status of the last six sectors cannot be
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3DH
2AH
7FH
CFH
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com