Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT45DB021D_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
3638M–DFLASH–5/2013
AT45DB021D
4.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from the SRAM data buffer. The
DataFlash supports RapidS protocols for Mode 0 and Mode 3. Please refer to the “Detailed Bit-level Read Timing”
diagrams in this datasheet for details on the clock cycle sequences for each mode.
4.1
Continuous Array Read (Legacy Command – E8H): Up to 66MHz
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be
utilized to sequentially read a continuous stream of data from the device by simply providing a clock signal; no
additional addressing information or control signals need to be provided. The DataFlash incorporates an internal
address counter that will automatically increment on every clock cycle, allowing one continuous read operation
without the need of additional address sequences. To perform a continuous read from the DataFlash standard
page size (264-bytes), an opcode of E8H must be clocked into the device followed by three address bytes (which
comprise the 24-bit page and byte address sequence) and four don’t care bytes. The first 10-bits (PA9 - PA0) of
the 19-bit address sequence specify which page of the main memory array to read, and the last 9-bits (BA8 - BA0)
of the 19-bit address sequence specify the starting byte address within the page. To perform a continuous read
from the binary page size (256-bytes), the opcode (E8H) must be clocked into the device followed by three address
bytes and four don’t care bytes. The first 10-bits (A17 - A8) of the 18-bits sequence specify which page of the main
memory array to read, and the last 8-bits (A7 - A0) of the 18-bits address sequence specify the starting byte
address within the page. The don’t care bytes that follow the address bytes are needed to initialize the read
operation. Following the don’t care bytes, additional clock pulses on the SCK pin will result in data being output on
the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the don’t care bytes, and the
reading of data. When the end of a page in main memory is reached during a Continuous Array Read, the device
will continue reading at the beginning of the next page with no delays incurred during the page boundary crossover
(the crossover from the end of one page to the beginning of the next page). When the last bit in the main memory
array has been read, the device will continue reading back at the beginning of the first page of memory. As with
crossing over page boundaries, no delays will be incurred when wrapping around from the end of the array to the
beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the buffer unchanged.
4.2
Continuous Array Read (High Frequency Mode – 0BH): Up to 66MHz
This command can be used with the serial interface to read the main memory array sequentially in high speed
mode for any clock frequency up to the maximum specified by fCAR1. To perform a continuous read array with the
page size set to 264-bytes, the CS must first be asserted then an opcode 0BH must be clocked into the device
followed by three address bytes and a dummy byte. The first 10-bits (PA9 - PA0) of the 19-bit address sequence
specify which page of the main memory array to read, and the last nine bits (BA8 - BA0) of the 19-bit address
sequence specify the starting byte address within the page. To perform a continuous read with the page size set to
256-bytes, the opcode, 0BH, must be clocked into the device followed by three address bytes (A17 - A0) and a
dummy byte. Following the dummy byte, additional clock pulses on the SCK pin will result in data being output on
the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device will continue reading
at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from
the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with crossing over page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com