Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
3638M–DFLASH–5/2013
AT45DB021D
Table 13-6.
Detailed Bit-level Addressing Sequence for Binary Page Size (256-Bytes)
Note:
x = Don’t Care
Page Size = 256-bytes
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes
Opco
de
Opcode
03h
0
0 0
0
0 0
1
1
x
x
x
x
x
x
AA
AAAAAAAA
AAAAAAA A
N/A
0Bh
0
0 0
0
1 0
1
1
x
x
x
x
x
x
AA
AAAAAAAA
AAAAAAA A
1
50h
0
1 0
1
0 0
0
0
xxxxxxA A
A A A A A x
xx
xxxxxxx
x
N/A
53h
0
1 0
1
0 0
1
1
xxxxxxA A
A A A A A A A A
xxxxxxx
x
N/A
58h
0
1 0
1
1 0
0
0
xxxxxxA A
A A A A A A A A
xxxxxxx
x
N/A
60h
0
1 1
0
0 0
0
0
xxxxxxA A
A A A A A A A A
xxxxxxx
x
N/A
77h
0
1 1
1
0 1
1
1
xxxxxxxx
xxxxxxxx
xxxxxxx
x
N/A
7Ch
0
1 1
1
1 1
0
0
xxxxxxA x
xxxxxxxx
xxxxxxx
x
N/A
81h
1
0 0
0
0 0
0
1
xxxxxxA A
A A A A A A A A
xxxxxxx
x
N/A
82h
1
0 0
0
0 0
1
0
x
x
x
x
x
x
AA
AAAAAAAA
AAAAAAA A
N/A
83h
1
0 0
0
0 0
1
1
xxxxxxA A
A A A A A A A A
xxxxxxx
x
N/A
84h
1
0 0
0
0 1
0
0
xxxxxxxx
xxxxxxxx
A A A A A A A A
N/A
88h
1
0 0
0
1 0
0
0
xxxxxxA A
A A A A A A A A
xxxxxxx
x
N/A
9Fh
1
0 0
1
1 1
1
1
N/A
N/A
N/A
N/A
B9h
1
0 1
1
1 0
0
1
N/A
N/A
N/A
N/A
ABh
1
0 1
0
1 0
1
1
N/A
N/A
N/A
N/A
D1h
1
1 0
1
0 0
0
1
xxxxxxxx
xxxxxxxx
A A A A A A A A
N/A
D2h
1
1 0
1
0 0
1
0
x
x
x
x
x
x
AA
AAAAAAAA
AAAAAAA A
4
D4h
1
1 0
1
0 1
0
0
xxxxxxxx
xxxxxxxx
A A A A A A A A
1
D7h
1
1 0
1
0 1
1
1
N/A
N/A
N/A
N/A
E8h
1
1 1
0
1 0
0
0
x
x
x
x
x
x
AA
AAAAAAAA
AAAAAAA A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com