Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
3638M–DFLASH–5/2013
AT45DB021D
11.
“Power of 2” Binary Page Size Option
“Power of 2” binary page size Configuration Register is a user-programmable nonvolatile register that allows the
page size of the main memory to be configured for binary page size (256-bytes) or the DataFlash standard page
size (264-bytes). The “power of 2” page size is a One-time Programmable (OTP) register and once the
device is configured for “power of 2” page size, it cannot be reconfigured again. The devices are initially
shipped with the page size set to 264-bytes. The user has the option of ordering binary page size (256-bytes)
devices from the factory. For details, please refer to Section 21. “Ordering Information” on page 43.
For the binary “power of 2” page size to become effective, the following steps must be followed:
1. Program the one-time programmable configuration resister using opcode sequence 3DH, 2AH, 80H and
A6H (please see Section 11.1).
2. Power cycle the device (i.e. power down and power up again).
3. The page for the binary page size can now be programmed.
If the above steps are not followed to set the page size prior to page programming, incorrect data during a read
operation may be encountered.
11.1 Programming the Configuration Register
To program the Configuration Register for “power of 2” binary page size, the CS pin must first be asserted as it
would be with any other command. Once the CS pin has been asserted, the appropriate 4-byte opcode sequence
must be clocked into the device in the correct order. The 4-byte opcode sequence must start with 3DH and be
followed by 2AH, 80H, and A6H. After the last bit of the opcode sequence has been clocked in, the CS pin must be
deasserted to initiate the internally self-timed program cycle. The programming of the Configuration Register
should take place in a time of tP, during which time the Status Register will indicate that the device is busy. The
device must be power-cycled after the completion of the program cycle to set the “power of 2” page size. If the
device is powered-down before the completion of the program cycle, then setting the Configuration Register
cannot be guaranteed. However, the user should check bit zero of the status register to see whether the page size
was configured for binary page size. If not, the command can be re-issued again.
Table 11-1.
Programming the Configuration Register
Figure 11-1. Erase Sector Protection Register
12.
Manufacturer and Device ID Read
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in system. The identification method and the command opcode comply with the JEDEC standard
for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The
type of information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor
specific Device ID, and the vendor specific Extended Device Information.
To read the identification information, the CS pin must first be asserted and the opcode of 9FH must be clocked
into the device. After the opcode has been clocked in, the device will begin outputting the identification data on the
SO pin during the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID followed by
Command
Byte 1
Byte 2
Byte 3
Byte 4
Power of Two Page Size
3DH
2AH
80H
A6H
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com