Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
3638M–DFLASH–5/2013
AT45DB021D
Table 9-1.
Status Register Format
10.
Deep Power-down
After initial power-up, the device will default in standby mode. The Deep Power-down command allows the device
to enter into the lowest power consumption mode. To enter the Deep Power-down mode, the CS pin must first be
asserted. Once the CS pin has been asserted, an opcode of B9H command must be clocked in via input pin (SI).
After the last bit of the command has been clocked in, the CS pin must be de-asserted to initiate the Deep Power-
down operation. After the CS pin is de-asserted, the will device enter the Deep Power-down mode within the
maximum tEDPD time. Once the device has entered the Deep Power-down mode, all instructions are ignored except
for the Resume from Deep Power-down command.
Table 10-1.
Deep Power-down
Figure 10-1. Deep Power-down
10.1 Resume from Deep Power-down
The Resume from Deep Power-down command takes the device out of the Deep Power-down mode and returns it
to the normal standby mode. To Resume from Deep Power-down mode, the CS pin must first be asserted and an
opcode of ABH command must be clocked in via input pin (SI). After the last bit of the command has been clocked
in, the CS pin must be de-asserted to terminate the Deep Power-down mode. After the CS pin is de-asserted, the
device will return to the normal standby mode within the maximum tRDPD time. The CS pin must remain high during
the tRDPD time before the device can receive any commands. After resuming form Deep Power-down, the device
will return to the normal standby mode.
Table 10-2.
Resume from Deep Power-down
Figure 10-2. Resume from Deep Power-Down
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDY/BUSY
COMP
0
1
0
1
PROTECT
PAGE SIZE
Command
Opcode
Deep Power-down
B9H
Opcode
CS
Each transition
represents 8 bits
SI
Command
Opcode
Resume from Deep Power-down
ABH
Opcode
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com