Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5333 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5333
Description  24-Bit, 96 kHz Stereo A/D Converter?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5333 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5333 Datasheet HTML 2Page - Cirrus Logic CS5333 Datasheet HTML 3Page - Cirrus Logic CS5333 Datasheet HTML 4Page - Cirrus Logic CS5333 Datasheet HTML 5Page - Cirrus Logic CS5333 Datasheet HTML 6Page - Cirrus Logic CS5333 Datasheet HTML 7Page - Cirrus Logic CS5333 Datasheet HTML 8Page - Cirrus Logic CS5333 Datasheet HTML 9Page - Cirrus Logic CS5333 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CS5333
6
DS520PP1
POWER AND THERMAL CHARACTERISTICS
Notes: 6.
Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 3.
7. Power Down Mode is defined as reset active with MCLK being applied. To lower power consumption
further, remove MCLK.
Base-rate Mode
High-Rate Mode
Parameters
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
Power Supply Current-
VA=1.8 V
Normal Operation
VL=1.8 V
IA
ID_IO
-
-
6.0
150
-
-
-
-
7.6
300
-
-
mA
µA
Power Supply Current-
VA=1.8 V
Power Down Mode (Note 7)
VL=1.8 V
IA
ID_IO
-
-
100
0
-
-
-
-
250
0
-
-
µA
µA
Power Supply Current-
VA=3.0 V
Normal Operation
VL=3.0 V
IA
ID_IO
-
-
9
260
-
-
-
-
11.5
520
-
-
mA
µA
Power Supply Current-
VA=3.0 V
Power Down Mode
VL=3.0 V
IA
ID_IO
-
-
250
0
-
-
-
-
500
0
-
-
µA
µA
Total Power Dissipation-
All Supplies=1.8 V
Normal Operation
All Supplies=3.0 V
-
-
11
28
TBD
TBD
-
-
14.5
36
TBD
TBD
mW
mW
Package Thermal Resistance
θ
JA
-75
-
-
75
-
°C/Watt
Power Supply Rejection Ratio
(1 kHz)
(Note 6)
(60 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com