Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5333 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5333
Description  24-Bit, 96 kHz Stereo A/D Converter?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5333 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5333 Datasheet HTML 8Page - Cirrus Logic CS5333 Datasheet HTML 9Page - Cirrus Logic CS5333 Datasheet HTML 10Page - Cirrus Logic CS5333 Datasheet HTML 11Page - Cirrus Logic CS5333 Datasheet HTML 12Page - Cirrus Logic CS5333 Datasheet HTML 13Page - Cirrus Logic CS5333 Datasheet HTML 14Page - Cirrus Logic CS5333 Datasheet HTML 15Page - Cirrus Logic CS5333 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
CS5333
12
DS520PP1
Left/Right Clock
7
LRCK (
Input/Output) - The Left/Right clock determines which channel is currently being
output on the serial audio data line SDOUT. The frequency of the Left/Right clock must be
at the input sample rate. The required relationship between the Left/Right clock, serial
clock and serial data is defined by the DIF pin.
MCLK Divide
Enable
8
DIV (
Input) - This pin serves different functions in Master and Slave modes.
In Master mode: When high, the chip will enter High Rate Mode; When this pin is low, the
chip will enter Base Rate Mode.
In Slave mode: When high, MCLK is divided internally by 2; When low, MCLK is not
changed.
Digital Interface
Format
9
DIF (
Input) - The required relationship between the Left/Right clock, serial clock and serial
data is defined by the Digital Interface Format.
Test Input
10
TST (
Input) - Must be connected directly to ground.
Positive Voltage
Reference
11
FILT+ (
Output) - Positive reference for internal sampling circuits. An external capacitor is
required from FILT+ to ground, as shown in Figure 3. The recommended value will typi-
cally provide 60 dB of PSRR at 1 kHz and 40 dB of PSRR at 60 Hz. FILT+ is not intended
to supply external current. FILT+ has a typical source impedance of 250 k
Ω and any cur-
rent drawn from this pin will alter device performance.
Reference Ground
12
REF_GND (
Input) - Ground reference for the internal sampling circuits. Must be con-
nected to ground.
Analog Inputs
13,14
AINR, AINL (
Input) - The full scale analog input level is specified in the Analog Character-
istics specification table.
Quiescent Voltage
15
VQ (
Output) - Filter connection for internal A/D converter quiescent reference voltage. A
capacitor must be connected from VQ to ground. VQ is not intended to supply external
current. VQ has a typical source impedance of 250 k
Ω and any current drawn from this pin
will alter device performance.
Reset
16
RST (
Input) - When low the device enters a low power mode and the part is in reset.
When high, the part returns to normal operation within 1024 LRCK cycles.
DIF
DESCRIPTION
0
I2S, up to 24-bit data
1
Left Justified, up to 24-bit data
Table 2. Digital Interface Format - DIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com