Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5333 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5333
Description  24-Bit, 96 kHz Stereo A/D Converter?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5333 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5333 Datasheet HTML 1Page - Cirrus Logic CS5333 Datasheet HTML 2Page - Cirrus Logic CS5333 Datasheet HTML 3Page - Cirrus Logic CS5333 Datasheet HTML 4Page - Cirrus Logic CS5333 Datasheet HTML 5Page - Cirrus Logic CS5333 Datasheet HTML 6Page - Cirrus Logic CS5333 Datasheet HTML 7Page - Cirrus Logic CS5333 Datasheet HTML 8Page - Cirrus Logic CS5333 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS5333
4
DS520PP1
1. CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25° C; GND = 0 V Logic "1" = VL = 1.8 V; Logic "0" =
GND = 0 V; MCLK = 12.288 MHz; Fs for Base-rate Mode = 48 kHz, SCLK = 3.072 MHz, Measurement Bandwidth
10 Hz to 20 kHz, unless otherwise specified; Fs for High-Rate Mode = 96 kHz, SCLK = 6.144 MHz, Measurement
Bandwidth 10 Hz to 20 kHz, unless otherwise specified.)
Notes: 1. Referenced to typical full-scale differential input voltage.
Parameter
Symbol
Base-rate Mode
High-rate Mode
Unit
Min
Typ
Max
Min
Typ
Max
Analog Input Characteristics for VA = 1.8 V
Dynamic Range
A-weighted
unweighted
TBD
TBD
91
88
-
-
TBD
TBD
94
91
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-88
-68
-28
TBD
-
-
-
-
-
-88
-68
-31
TBD
-
-
dB
dB
dB
Analog Input Characteristics for VA = 3.0 V
Dynamic Range
A-weighted
unweighted
TBD
TBD
96
93
-
-
TBD
TBD
98
95
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-88
-68
-33
TBD
-
-
-
-
-
-85
-65
-35
TBD
-
-
dB
dB
dB
Analog Input Characteristics for VA = 1.8 or 3.0 V
Interchannel Isolation
1 kHz
-
90
-
-
90
-
dB
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Offset Error
with High Pass Filter
-
-
0
-
-
0
LSB
Full Scale Input Voltage
TBD
VA÷3.6
TBD
TBD
VA÷3.6 TBD
Vrms
Voltage Common Mode
VA÷2
VA÷2
V
Gain Drift
-
100
-
-
100
-
ppm/°C
Input Resistance
10
-
-
10
-
-
k
Ω
Input Capacitance
-
-
15
-
-
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com