Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5333 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5333
Description  24-Bit, 96 kHz Stereo A/D Converter?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5333 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5333 Datasheet HTML 4Page - Cirrus Logic CS5333 Datasheet HTML 5Page - Cirrus Logic CS5333 Datasheet HTML 6Page - Cirrus Logic CS5333 Datasheet HTML 7Page - Cirrus Logic CS5333 Datasheet HTML 8Page - Cirrus Logic CS5333 Datasheet HTML 9Page - Cirrus Logic CS5333 Datasheet HTML 10Page - Cirrus Logic CS5333 Datasheet HTML 11Page - Cirrus Logic CS5333 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CS5333
8
DS520PP1
SWITCHING CHARACTERISTICS (T
A = -10 to 70° C; VL = 1.7 V - 3.6 V; Inputs: Logic 0 = GND,
Logic 1 = VL, CL = 20 pF)
Parameters
Symbol
Min
Typ
Max
Units
Input Sample Rate
Base Rate Mode
High Rate Mode
Fs
Fs
2
50
-
-
50
100
kHz
kHz
MCLK Pulse Width High
MCLK/LRCK = 1024
8
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 1024
8
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 768
10
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 768
10
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 512
15
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 512
15
-
-
ns
MCLK Pulse Width High
MCLK / LRCK = 384 or 192
21
-
-
ns
MCLK Pulse Width Low
MCLK / LRCK = 384 or 192
21
-
-
ns
MCLK Pulse Width High
MCLK / LRCK = 256 or 128
31
-
-
ns
MCLK Pulse Width Low
MCLK / LRCK = 256 or 128
31
-
-
ns
Master Mode
SCLK Falling to LRCK Edge
tslrd
-20
-
20
ns
SCLK Falling to SDATA Valid
tsdo
0
-
20
ns
SCLK Duty Cycle
40
50
60
%
Slave Mode
LRCK Duty Cycle
-
50
-
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
Base Rate Mode
High Rate Mode
tsclkw
tsclkw
-
-
-
-
ns
ns
SCLK Falling to LRCK Edge
tslrd
-20
-
20
ns
SCLK Falling to SDATA Valid
Base Rate Mode
High Rate Mode
tdss
tdss
-
-
-
-
ns
ns
1
128
()Fs
----------------------
1
64
()Fs
------------------
1
(512)Fs
1
(256)Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com