Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5333 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5333
Description  24-Bit, 96 kHz Stereo A/D Converter?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5333 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5333 Datasheet HTML 7Page - Cirrus Logic CS5333 Datasheet HTML 8Page - Cirrus Logic CS5333 Datasheet HTML 9Page - Cirrus Logic CS5333 Datasheet HTML 10Page - Cirrus Logic CS5333 Datasheet HTML 11Page - Cirrus Logic CS5333 Datasheet HTML 12Page - Cirrus Logic CS5333 Datasheet HTML 13Page - Cirrus Logic CS5333 Datasheet HTML 14Page - Cirrus Logic CS5333 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CS5333
DS520PP1
11
3. PIN DESCRIPTION
Interface Power
VL
RST
Reset
Master Clock
MCLK
VQ
Quiescent Voltage
Serial Clock
SCLK
AINL
Left Channel Analog Input
Serial Data Output
SDATA
AINR
Right Channel Analog Input
Analog Power
VA
REF_GND Reference Ground
Ground
GND
FILT+
Positive Voltage Reference
Left Right Clock
LRCK
TST
Test Input
MCLK Divide
DIV
DIF
Digital Interface Format
1
2
3
4
5
6
7
8
5
1
2
6
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
5
1
2
6
16
15
14
13
12
11
10
9
Sample
Rate
(kHz)
MCLK (MHz)
HRM
BRM
128x
192x
256x*
384x*
256x
384x
512x
768x*
1024x*
32
4.0960
6.1440
8.1920
12.2880
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
5.6448
8.4672
11.2896
16.9344
11.2896
16.9344
22.5792
32.7680
45.1584
48
6.1440
9.2160
12.2880
18.4320
12.2880
18.4320
24.5760
36.8640
49.1520
64
8.1920
12.2880
16.3840
24.5760
-
-
-
-
-
88.2
11.2896
16.9344
22.5792
33.8688
-
-
-
-
-
96
12.2880
18.4320
24.5760
36.8640
-
-
-
-
-
* DIV= Hi
Table 1. Common Clock Frequencies
Interface Power
1
VL (
Input) - Digital interface power supply. Typically 1.8 to 3.3 VDC.
Master Clock
2
MCLK (
Input) - The master clock frequency must be either 256x, 384x, 512x, 768x or
1024x the input sample rate in Base Rate Mode (BRM) and 128x, 192x, 256x, 384x the
input sample rate in High Rate Mode (HRM). Table 1 illustrates several standard audio
sample rates and the required master clock frequencies.
Serial Clock
3
SCLK (
Input/Output) - Clocks the individual bits of the serial data out of the SDOUT pin.
The required relationship between the Left/Right clock, serial clock and serial data is
defined by the DIF pin.
Serial Audio Data
Out (M/S select)
4
SDATA (
Output) - This pin serves two functions.
First: two’s complement MSB-first serial data is output on this pin. The data is clocked out
of SDOUT via the serial clock and the channel is determined by the Left/Right clock. The
required relationship between the Left/Right clock, serial clock and serial data is defined
by the DIF pin.
Second: Master/Slave mode selection is determined, at startup, by a 47 kOhm pullup/pull-
down on this line. A pullup to VL selects Master mode and a pulldown to GND selects
Slave mode.
Analog Power
5
VA (
Input) - Analog power supply. Typically 1.8 to 3.3 VDC.
Ground
6
GND (
Input) - Ground Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com