Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604 Datasheet(PDF) 16 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 16 Page - Clare, Inc.

Back Button CPC5604 Datasheet HTML 12Page - Clare, Inc. CPC5604 Datasheet HTML 13Page - Clare, Inc. CPC5604 Datasheet HTML 14Page - Clare, Inc. CPC5604 Datasheet HTML 15Page - Clare, Inc. CPC5604 Datasheet HTML 16Page - Clare, Inc. CPC5604 Datasheet HTML 17Page - Clare, Inc. CPC5604 Datasheet HTML 18Page - Clare, Inc. CPC5604 Datasheet HTML 19Page - Clare, Inc. CPC5604 Datasheet HTML 20Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
www.clare.com
16
CPC5604
XXX
Signals to and from the telephone line to the LiteLinkTM
appear on Tip and Ring connections. The receive signal
is extracted from the transmit signal via the 2-4 wire
hybrid block. The receive signal is then converted to
infrared light by the receive photodiode amplifier and LED
front end. The intensity of the infrared light is modulated
by the receive signal and this light is transferred across
the electrical isolation barrier via reflective dome to a pho-
todiode where the light is converted to a photocurrent.
This photocurrent is a highly linear representation of the
receive signal and is amplified and converted to a volt-
age. This single ended voltage is converted to a differen-
tial voltage signal where it is presented as RX+ and RX-
and connects to the receive inputs of the host data pump.
Variations in gain due to quantum efficiency of the optics
are virtually eliminated by an on chip AGC circuit which
automatically sets the input to output gain of the pho-
toamplifier to unity. This means that the receive signal on
the telephone line is faithfully reproduced at the RX out-
puts in terms of amplitude to within 2dB of the received
signal. Distortion at the RX outputs is -80dB maximum at
a receive level of -3dB over the band of 30Hz-4kHz.
Single supply operation requires that the RX outputs be
biased at 2.5V DC, therefore, it is necessary to use 0.1uf
blocking capacitors for coupling the receive signal to the
host. Figures 2.4.A and 2.4.B. illustrate connection to the
host differentially and single ended respectively.
Receive Signal Path (Refer to Block Diagram)
Figure 2A Connection To Host Differential
(Receive)
Figure 2B Connection To Host Single Ended
(Receive)
RX+
RX-
RX+
RX-
0.1uF
CPC5604A LITELINK
TM
HOST DATA PUMP/CODEC
SINGLE ENDED CONNECTION TO CPC5604A
RX+
RX-
RX+
RX-
0.1uF
0.1uF
CPC5604A LITELINK
TM
HOST DATA PUMP/CODEC
DIFFERENTIAL CONNECTION TO CPC5604A
Transmit Signal Path (Refer to Block Diagram)
Signals that are to be sent from the host to the tele-
phone line are placed differentially on TX+ and TX-. The
maximum value of the transmit signal should not
exceed 0dBm or 2.18Vpp. The differential transmit sig-
nal is converted to a single ended signal by the
LiteLinkTM. This signal is coupled to the transmit photo-
diode amplifier in a similar manner to the receive path.
At the output of this amplifier the voltage signal is cou-
pled to a voltage to current converter via a transcon-
ductance stage where the transmit signal modulates the
telephone line loop current. As in the receive stage, the
gain of the transmit photodiode amplifier is set to unity
automatically thereby limiting insertion loss to 0±1dB.
Figures 2C and 2D illustrate connection to the host dif-
ferentially and single ended respectively.
TXA1
TXA2
-
+
0.1uf
0.1uf
HOST DATA PUMP/CODEC
SINGLE ENDED CONNECTION TO CPC5604A
CPC5604A LITELINK
TM
TX-
TX+
Figure 2C Connection To Host Differential
(Transmit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com