Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604 Datasheet(PDF) 19 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 19 Page - Clare, Inc.

Back Button CPC5604 Datasheet HTML 15Page - Clare, Inc. CPC5604 Datasheet HTML 16Page - Clare, Inc. CPC5604 Datasheet HTML 17Page - Clare, Inc. CPC5604 Datasheet HTML 18Page - Clare, Inc. CPC5604 Datasheet HTML 19Page - Clare, Inc. CPC5604 Datasheet HTML 20Page - Clare, Inc. CPC5604 Datasheet HTML 21Page - Clare, Inc. CPC5604 Datasheet HTML 22Page - Clare, Inc. CPC5604 Datasheet HTML 23Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
CPC5604
www.clare.com
19
XXX
Figure 4 On-Hook DC Resistance Tip/Ring Setup
LITELINK
TM
DAA Circuit
TIP
RING
100VDC
+
-
A
On-Hook Resistance
Figure 4 shows the test setup for on-hook DC resist-
ance. The battery is set to 100VDC and an ammeter is
placed in series with the battery connection. When the
DAA is in the on-hook state, the leakage current is
obtained and then the battery voltage is divided by this
current yielding the on-hook resistance. The LiteLinkTM
is guaranteed to have a leakage current < 10uA at 100V
which is equivalent to an on-hook resistance > 10M
Ω
thus meeting regulatory approvals.
Current Limiting
The LiteLinkTM includes a current limiting feature that is
selectable via resistor R
ZDC (R16). The current limit
value is set by the equation:
10
12
For US/Canada/Japan the recommended value for
R
ZDC (R16) is 8Ω which yields a current limit value of
133mA. The current limiting feature is especially useful
in the case where the host system is inadvertently con-
nected to a digital PBX telephone port which usually has
a very high current limit value. The current limiting capa-
bility will prevent damage to the LiteLinkTM in this sce-
nario.
1V
RZDC
1V
RZDC
CTR-21 Compliance
CTR-21 is the standard for connection of data commu-
nications equipment to the European telephone net-
work. The maximum current limit requirement in
CTR-21 (Section 4.7.1) is 60mA and can be selected by
the following equation:
ILM =
+ 8mA
Clare recommends current limit be set to 53mA using an
R
ZDC value of 22Ω. Since VDD is regulated to +3.5V,
excess power is dissipated in the external MOSFET
package. Since the maximum off-hook line voltage and
current in CTR-21 is 40V and 53mA respectively, the
maximum power dissipated by the MOSFET is approxi-
mately 2.1W.
AC Characteristics
In a similar manner to the DC characteristics, AC termi-
nation impedance is set via R
ZNT (R18). For all applica-
tions, a 604W resistor for R
ZNT (R18) is required to
reflect 600W to the CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com