Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604 Datasheet(PDF) 31 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 31 Page - Clare, Inc.

Back Button CPC5604 Datasheet HTML 25Page - Clare, Inc. CPC5604 Datasheet HTML 26Page - Clare, Inc. CPC5604 Datasheet HTML 27Page - Clare, Inc. CPC5604 Datasheet HTML 28Page - Clare, Inc. CPC5604 Datasheet HTML 29Page - Clare, Inc. CPC5604 Datasheet HTML 30Page - Clare, Inc. CPC5604 Datasheet HTML 31Page - Clare, Inc. CPC5604 Datasheet HTML 32Page - Clare, Inc. CPC5604 Datasheet HTML 33Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
C6
220pF
2000V
8
9
10
11
12
13
14
15
16
VCC
TXF1
TX-
TX+
TX
NC
GND
OH
RING
CID
RX-
RX+
SNP+
SNP-
RXF
RX
BR-
TXF2
ZTX
ZNT
TXS
BR-
NTS
GAT
REF
DCS
DCF
ZDC
BR-
RPB
RXS
VDD
U1
CPC5604
1
2
3
4
5
6
7
19
18
17
23
22
21
20
25
24
32
31
30
29
28
27
26
C7
220pF
2000V
R5
1.5M
R6
1.5M
C2
0.1uF
R2
200K
C3
0.1uF
R3
150K
C4
0.1uF
R1
604K
ALL RESISTORS ARE .100W
UNLESS OTHERWISE NOTED
R4
1M
C5
0.1uF
C1
0.1uF
Drawn:
Date:
Company:
Title:
Rev:
SM
6/24/99
A
CP Clare Corp.
Interconnection To Lucent (CPC5600A1X)
VCC
Lucent Technologies
Venus
DSP1670_160_MQFP
RIDETN
OHRCN
CIDN
AOUTP
AOUTN
AINP
AINN
43
61
62
8
7
11
10
Lucent Technologies
CSP1034_MFQP
0dB
0dB
1
1
1. Lucent chips expect a zero dB drop between the codec and Tip and Ring.
Refer to LITELINK reference schematics
for typical line side circuit details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com