Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604 Datasheet(PDF) 30 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 30 Page - Clare, Inc.

Back Button CPC5604 Datasheet HTML 25Page - Clare, Inc. CPC5604 Datasheet HTML 26Page - Clare, Inc. CPC5604 Datasheet HTML 27Page - Clare, Inc. CPC5604 Datasheet HTML 28Page - Clare, Inc. CPC5604 Datasheet HTML 29Page - Clare, Inc. CPC5604 Datasheet HTML 30Page - Clare, Inc. CPC5604 Datasheet HTML 31Page - Clare, Inc. CPC5604 Datasheet HTML 32Page - Clare, Inc. CPC5604 Datasheet HTML 33Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
C6
220pF
2000V
8
9
10
11
12
13
14
15
16
VCC
TXF1
TX-
TX+
TX
NC
GND
OH
RING
CID
RX-
RX+
SNP+
SNP-
RXF
RX
BR-
TXF2
ZTX
ZNT
TXS
BR-
NTS
GAT
REF
DCS
DCF
ZDC
BR-
RPB
RXS
VDD
U1
CPC5604
1
2
3
4
5
6
7
19
18
17
23
22
21
20
25
24
32
31
30
29
28
27
26
C7
220pF
2000V
R8
1.5M
R9
1.5M
C2
0.1uF
R5
200K
C3
0.1uF
R3
150K
R4
604K
ALL RESISTORS ARE .100W
UNLESS OTHERWISE NOTED
R4
1M
C5
0.1uF
C1
0.1uF
Drawn:
Date:
Company:
Title:
Rev:
SM
6/24/99
A
CP Clare Corp.
Interconnection to Conexant(Rockwell) (CPC5600A1X)
VCC
Conexant
MCU
L2800
~Rly1(~OH)
~RLY4(~CALLID)
RINGD
70
32
6
Conexant
MDP
R6764
TXA1
TXA2
RiN
R1
10K
.063W
R2
10K
.063W
R3
20K
.063W
30
31
35
Interconnection diagram is based on the Conexant(Rockwell) RC56D Chip solution.
1. Conexant Chipsets rely on a 6dB loss between MDP and tip and ring. This
is solved by placing the R1, R2, R3, resistor circuit in the Transmit Path
and the use of a single end of the differential receive.
-6dB
1
-6dB
1
Refer to LITELINK reference schematics
for typical line side circuit details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com