Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604 Datasheet(PDF) 28 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 28 Page - Clare, Inc.

Back Button CPC5604 Datasheet HTML 24Page - Clare, Inc. CPC5604 Datasheet HTML 25Page - Clare, Inc. CPC5604 Datasheet HTML 26Page - Clare, Inc. CPC5604 Datasheet HTML 27Page - Clare, Inc. CPC5604 Datasheet HTML 28Page - Clare, Inc. CPC5604 Datasheet HTML 29Page - Clare, Inc. CPC5604 Datasheet HTML 30Page - Clare, Inc. CPC5604 Datasheet HTML 31Page - Clare, Inc. CPC5604 Datasheet HTML 32Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
www.clare.com
28
CPC5604
XXX
As a practical matter, CMRR is dependent on how well
the external snoop network CS and RSNOOP are
matched. It is recommended that capacitors CS (C6 or
C7) be ceramic NPO (COG) type for excellent tempera-
ture stability and have a tolerance of 5% or less.
Resistor tolerance for RSNOOP (R5 or R6) should also
be at least 5% or better.
Careful consideration should be taken related to PCB
layout of the snoop network. Traces should be as short
+0
-2.5
-5
-7.5
-10
-12.5
-15
-17.5
-20
-22.5
-25
-27.5
-30
-32.5
-35
-37.5
-40
-42.5
-45
-47.5
-50
-52.5
-55
-57.5
-60
CMRR
(dBm)
50
20
100
200
500
1K
2K
4K
Frequency (Hz)
Figure 10A Snoop Mode Common Mode Rejection Ratio Setup
RX-
RX+
TIP
RING
500
10H
500
10H
2.16uf
600
48V
+
-
40mA Loop Current
Audio Precision
System One
Analyzer
100K
V
IN1
IN2
AP1
LITELINK
TM
DAA Circuit
0dbm
Audio
Precision
Generator
RX
V
T/R
500uf
1%
matched
CID
Figure 10B Common Mode Rejection
as possible and kept equidistant from one another.
Spacing of 0.1” should be maintained between traces
on the phone line side. If possible, traces should be
routed away from large 60Hz fields to prevent noise
inducement into the snoop circuit.
Figure 10A shows the test setup for CMRR through the
snoop signal path. For this test the LITELINKTM is on-
hook and the frequency is swept from 20Hz to 4kHz.
Figure 10B is a graph of CMRR vs. frequency.
Snoop Mode Common Mode Rejection Ratio (CMRR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com