Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC73C167 Datasheet(PDF) 16 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 16 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 12Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 13Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 14Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 15Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 16Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 17Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 18Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 19Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 20Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
16
8Bit Single Chip Microcontroller
DMC73C167
4. ARCHITECTURE
4.1 Overview
The DMC73C167 has a maximum memory address space of 16 kbytes on-chip ROM and
only a single-chip mode. On-chip memory spaces are configured as shown if Figure 4-1
below. In the section that follow, the register file(RF) and the peripheral file(PF) are described
along with three important registers in the CPU : the stack pointer(SP), the status register
(ST), and the program counter(PC).
Figure 4-1. DMC73C167 Memory Maps
Memory address
0000h
Register File (RF)
00FFh
0100h
Peripheral File (PF)
01FFh
0200h
Not Available
C005h
C006h
16Kbytes ROM
FFFFh
4.2 Register File (RF)
The 256-byte on-chip RAM resides in locations 0000h to 00FFh of the DMC73C167's
address space and is called the register file (RF). The RAM is treated as a register by much
of the instruction set and is numbered R0-R255. The first two registers, R0 and R1, are also
called the A and B registers, respectively. Several instructions specify A or B as either the
source or destination register. For example, STSP stores the contents of the stack pointer
(SP) in the B register. Except where stated otherwise, any register in the register file can be
addressed as an 8-bit source or destination register. The stack is also located in the register
file. Refer to Section 4.4 for information regarding the initialization of the stack pointer and
stack definition in the register file.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com