Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC73C167 Datasheet(PDF) 39 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 39 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 35Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 36Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 37Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 38Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 39Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 40Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 41Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 42Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 43Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
39
8Bit Single Chip Microcontroller
DMC73C167
Table 5-19. P21 0115h T1LSD Timer 1 LSB Data
Bit
7
6
5
4
3
2
1
0
R
16-bit Timer 1 LSB Decrementer Value
W
16-bit Timer 1 LSB Reload Register
Table 5-20. P23 0117h T1CTL1 Timer 1 Control 1
Bit
7
6
5
4
3
2
1
0
R
MSB Capture Latch Value
W
Invaild
Table 5-21. P22 0116h T1CTL0 Timer 1 Control 0
Bit
7
6
5
4
3
2
1
0
R
Timer 1 LSB Capture Latch Value
W
START
T1OUT
T1SRC
Prescaler Reload Register
Read : Provides the LSB value of the capture register which contains the
decrementer register value when INT1 was last activated.
Write : Timer 1 control as below.
Bits 0-4
Reload the 5-bit Prescaler Reload Register
Bit 5
T1SRC. Select Timer 1 Clock Source.
0 = Internal clock (Fosc/4).
1 = External clock from Port A1.
Bit 6
T1OUT. Timer 1 Toggle Output
0 = Normal output on Port B0.
1 = Toggle output on Port B0 when the Timer 1 MSB decrementer
passes through zero.
Bit 7
START. Timer 1 Start/Stop Control
0 = Stops Timer 1
1 = Starts Timer 1
5.5.1.2 Real-Time Clock Mode (RTC)
In real-time clock mode, the internal Fosc/4 is the prescaler clock source. Each positive
pulse transition of the Fosc/4 period signal decrements the count chain.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com