Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC73C167 Datasheet(PDF) 21 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 21 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 17Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 18Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 19Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 20Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 21Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 22Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 23Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 24Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 25Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
21
8Bit Single Chip Microcontroller
DMC73C167
Table 4-2. Peripheral File Map (Continued)
Value after Reset
MSB
LSB
Number
Address
Label
R/W
Contents
5
P41
0129h
PWM1_3T
W
PWM1_3 polarity and time
-
0
P42
012Ah
PWM1_4T
W
PWM1_4 polarity and time
-
0
P43
012Bh
PWM1_5T
W
PWM1_5 polarity and time
-
0
P44
012Ch
PWM1_6T
W
PWM1_6 polarity and time
-
0
P45
012Dh
PWM1_7T
W
PWM1_7 polarity and time
-
0
P46
012Eh
PWM1_8T
W
PWM1_8 polarity and time
-
0
P47
012Fh
-
-
Reserved
P48
0130h
MCTL0
R/W
I2C master control 0
- 0
P49
0131h
MCTL1
R/W
I2C master control 1
- - -
-
P50
0132h
MSTS
R/W
I2C master status
0
- - - -
P51
0133h
MDATA
R/W
I2C master data
X X X X X X X X
P52
0134h
HDC
R/W
I2C master high duration
X X X X X X X X
P53
0135h
LDC
R/W
I2C master low duration
X X X X X X X X
P54
0136h
SADDR
W
I2C slave address
X X X X X X X X
P55
0137h
SDATA
R/W
I2C slave data
X X X X X X X X
P56
0138h
SCTL
R/W
I2C slave control
- - -
P57
0139h
DFCTL
R/W
I2C digital filter control
- - - - - -
P58-P67
013Ah-0143h
-
-
Reserved for on-chip PF
P68
0144h
OSDCTL
R/W
OSD control register
- - -
P69
0145h
OSDHP
W
OSD horizontal position
-
1
P70
0146h
OSDVPA
W
LINE A vertical position
1
P71
0147h
OSDVPB
W
LINE B vertical position
1
P72
0148h
VPCNTR
R
Vertical display counter
- - - -
P73-P75
0149h-014Bh
-
-
Reserved
P77-P95
0150h-015Fh
-
-
Reserved for on-chip PF
P96-P115 0160h-0173h
-
W
OSD LINE A video RAM
X X X X X X X X
P128-P1470180h-0193h
-
W
OSD LINE B video RAM
X X X X X X X X
P148-P2550194h-01FFh
-
-
Not available
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com