Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC73C167 Datasheet(PDF) 2 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 2 Page - Daewoo Semiconductor

  DMC73C167 Datasheet HTML 1Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 2Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 3Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 4Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 9Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
2
8Bit Single Chip Microcontroller
DMC73C167
1. INTRODUCTION
1.1 Description
The DMC73C167 is an 8-bit CMOS microcontroller with 16K bytes of on-chip ROM, 256
bytes of on-chip RAM, OSD (On Screen Display), A/D converter, 10 PWM output ports,
three timers, multi-master I2C communications port, 8 output only pins, and 20 normal I/O
pins. The high-performance CPU internal peripherals allow flexible design in industrial
equipment, televisions, camcorders, VCRs, and other home appliances.
1.2 Pin Configurations
PWM0 (14bit)
1
54
VCC
PWM1_0 (6bit)
2
53
A7
PWM1_1 (6bit)
3
52
SCL
PWM1_2 (6bit)
4
51
SDA
PWM1_3 (6bit)
5
50
A6
PWM1_4 (6bit)
6
49
A5/INT5_0
PWM1_5 (6bit)
7
48
A4/INT3_0
PWM1_6 (6bit)
8
47
A3/INT1
PWM1_7 (6bit)
9
46
A1/ECI1
PWM1_8 (6bit)
10
45
/RESET
B0/T1OUT(OPEN D)
11
DMC73C167
44
OSC OUT(CPU)
B1/T3OUT(OPEN D)
12
43
OSC IN(CPU)
B2(OEPN DRAIN)
13
42
TEST
B3(OEPN DRAIN)
14
41
A2/ECI2
B4(OEPN DRAIN)
15
40
OSC OUT(OSD)
B5(OEPN DRAIN)
16
39
OSC IN(OSD)
B6(OEPN DRAIN)
17
38
/Vsync
B7(OEPN DRAIN)
18
37
/Hsync
A0/4BIT ADC
19
36
Yout or /Yout
C0
20
35
BLUE
C1
21
34
GREEN
C2
22
33
RED
C3
23
32
D3
C4
24
31
D2
C5
25
30
D1
C6
26
29
D0
VSS
27
28
C7
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com