Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC73C167 Datasheet(PDF) 28 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 28 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 24Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 25Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 26Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 27Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 28Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 29Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 30Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 31Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 32Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
28
8Bit Single Chip Microcontroller
DMC73C167
Table 5-9. P12 010Ch DDATA D Port Data
Bit
7
6
5
4
3
2
1
0
R
W
-
-
-
-
DDATA3
DDATA2
DDATA1
DDATA0
Table 5-10. D Port Control Register Operation
DDDRn
Driection
DDATAn(Read)
DDATAn(Write)
0
Input Port
0 ; Input 'Low'
Invalid
1 : Input 'High'
1
Output Port
Written Data
0 ; Output 'Low'
1 : Output 'High'
5.2 Device Initialization
Interrupt level 0 (RESET) cannot be masked and will be recognized immediately, even in the
middle of an instruction. To execute the level-0 interrupt, the RESET pin must be held low
for a minimum of five internal clock cycles to guarantee recognition by the device. During
assertion of the RESET pin, the following operations are performed prior to the first
instruction acquisition.
1) All zeros are written to the status register. This disables all interrupts and clears all interrupt
flags.
2) The initialized data is written to the peripheral register.
3) The MSB and LSB values of the program counter just before RESET are stored in the R0
and R1 (A and B) registers, respectively.
4) The stack pointer is initialized to 01h.
5) The MSB and LSB of the reset vector are fetched from locations FFFEh and FFFFh,
respectively (see Table 4-5), and located into the program counter.
5.3 I/O Control Registers
The I/O control registers are lcated in the peripheral file and are responsible for interrupt
control. The DMC73C167 contains the I/O Control 0 (IOCTL0), I/O Control 1 (IOCTL1),
I/O Control 2 (IOCTL2), I/O Control 3 (IOCTL3), and I/O Control 4 (IOCTL4) registers, the
I/O Control registers are mapped into lcations P0 (IOCTL0), P1 (IOCTL1), P2 (IOCTL2), P3
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com