Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571MLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS571MLF
Description  LOW PHASE NOISE ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS571MLF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS571MLF Datasheet HTML 1Page - Integrated Device Technology ICS571MLF Datasheet HTML 2Page - Integrated Device Technology ICS571MLF Datasheet HTML 3Page - Integrated Device Technology ICS571MLF Datasheet HTML 4Page - Integrated Device Technology ICS571MLF Datasheet HTML 5Page - Integrated Device Technology ICS571MLF Datasheet HTML 6Page - Integrated Device Technology ICS571MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS571
LOW PHASE NOISE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER
2
ICS571
REV H 051310
Pin Assignment
Feedback Configuration Table and Frequency Ranges (at 3.3 V)
Pin Descriptions
Key: CI = clock input; I = input; O = output; P = power supply connection.
Feedback From
CLK
CLK/2
Input Range
CLK
Input clock frequency
Input clock frequency/2
20 to 160 MHz
CLK/2
2x Input clock frequency
Input clock frequency
10 to 80 MHz
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
CI
Reference clock input.
2
VDD
P
Connect to +3.3 V or +5 V. Must be same as other VDD.
3
GND
P
Connect to ground.
4
CLK/2
O
Clock output per table above. Low skew divide by two of pin 7 clock.
5
GND
P
Connect to ground.
6
VDD
P
Connect to +3.3 V or +5 V. Must be same as other VDD.
7
CLK
O
Clock output per table above.
8
FBIN
CI
Feedback clock input. Connect to CLK or CLK/2 per table above.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com