Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571MLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS571MLF
Description  LOW PHASE NOISE ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS571MLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS571MLF Datasheet HTML 1Page - Integrated Device Technology ICS571MLF Datasheet HTML 2Page - Integrated Device Technology ICS571MLF Datasheet HTML 3Page - Integrated Device Technology ICS571MLF Datasheet HTML 4Page - Integrated Device Technology ICS571MLF Datasheet HTML 5Page - Integrated Device Technology ICS571MLF Datasheet HTML 6Page - Integrated Device Technology ICS571MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOW PHASE NOISE ZERO DELAY BUFFER
ICS571
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER
1
ICS571
REV H 051310
Description
The ICS571 is a high speed, high output drive, low phase
noise Zero Delay Buffer (ZDB) which integrates IDT’s
proprietary analog/digital Phase Locked Loop (PLL)
techniques. IDT introduced the world standard for these
devices in 1992 with the debut of the AV9170, and updated
that with the ICS570. The ICS571, part of IDT’s
ClockBlocks™ family, was designed to operate at higher
frequencies, with faster rise and fall times, and with lower
phase noise. The zero delay feature means that the rising
edge of the input clock aligns with the rising edges of both
outputs, giving the appearance of no delay through the
device. There are two outputs on the chip, one being a
low-skew divide by two of the other.
The chip is ideal for synchronizing outputs in a large variety
of systems, from personal computers to data
communications to video. By allowing offchip feedback
paths, the ICS571 can eliminate the delay through other
devices. The use of dividers in the feedback path will enable
the part to multiply by more than two.
Features
• Packaged in 8-pin SOIC (Pb free)
• Can function as low phase noise x2 multiplier
• Low skew outputs. One is ÷2 of other
• Input clock frequency up to 160 MHz at 3.3 V
• Phase noise of better than -100 dBc/Hz from 1 kHz to 1
MHz offset from carrier
• Can recover poor input clock duty cycle
• Output clock duty cycle of 45/55 at 3.3 V
• High drive strength for >100 MHz outputs
• Full CMOS clock swings with 25 mA drive capability at
TTL levels
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V
Block Diagram


Similar Part No. - ICS571MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS571M ICST-ICS571M Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
ICS571MT ICST-ICS571MT Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
More results

Similar Description - ICS571MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS571 ICST-ICS571 Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
IDT5V60014 RENESAS-IDT5V60014 Datasheet
346Kb / 9P
LOW PHASE NOISE ZERO DELAY BUFFER
040609
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com