Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571MLF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS571MLF
Description  LOW PHASE NOISE ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS571MLF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS571MLF Datasheet HTML 1Page - Integrated Device Technology ICS571MLF Datasheet HTML 2Page - Integrated Device Technology ICS571MLF Datasheet HTML 3Page - Integrated Device Technology ICS571MLF Datasheet HTML 4Page - Integrated Device Technology ICS571MLF Datasheet HTML 5Page - Integrated Device Technology ICS571MLF Datasheet HTML 6Page - Integrated Device Technology ICS571MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS571
LOW PHASE NOISE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER
5
ICS571
REV H 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 5.0 V or 3.3 V, Ambient Temperature 0 to +70
° C
Notes:
1. Sresses beyond these can permanently damage the device.
2. Assumes clocks with the same rise time, measured from rising edges at VDD/2. Measured with 33
Ω termination
resistors and 15 pF loads. Applies to both 3.3 V and 5 V operation.
3. CLK/2 has lower jitter (both absolute and one sigma, in ps) than CLK.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, clock input
fIN
FB from CLK
20
160
MHz
Input Frequency, clock input
fIN
FB from CLK/2
10
80
MHz
Skew CLK/2 with respect to CLK
Note 2
150
500
850
ps
Input clock to output connected to FBIN
Note 2
-500
500
ps
Output Clock Rise Time, 5 V
0.8 to 2.0 V, 15 pF load
0.3
ns
Output Clock Fall Time, 5 V
2.0 to 0.8 V, 15 pF load
0.4
ns
Output Clock Rise Time, 3.3 V
0.8 to 2.0 V, 15 pF load
0.45
ns
Output Clock Fall Time, 3.3 V
2.0 to 0.8 V, 15 pF load
0.55
ns
Input Clock Duty Cycle, 3.3 V
fin = 150 MHz
20
80
%
Output Clock Duty Cycle, 3.3 V
At VDD/2
45
49 to 51
55
%
Absolute Clock Period Jitter, CLK,
Note 3
Deviation from Mean
±80
ps
One-Sigma Clock Period Jitter, CLK,
Note 3
50
ps
Phase Noise, Relative to carrier
1 kHz offset
-105
dBc/Hz
Phase Noise, Relative to carrier
100 kHz offset
-115
dBc/Hz
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
° C/W
θJA
1 m/s air flow
° C/W
θJA
3 m/s air flow
° C/W
Thermal Resistance Junction to Case
θJC
° C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com