Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571MLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS571MLF
Description  LOW PHASE NOISE ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS571MLF Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS571MLF Datasheet HTML 1Page - Integrated Device Technology ICS571MLF Datasheet HTML 2Page - Integrated Device Technology ICS571MLF Datasheet HTML 3Page - Integrated Device Technology ICS571MLF Datasheet HTML 4Page - Integrated Device Technology ICS571MLF Datasheet HTML 5Page - Integrated Device Technology ICS571MLF Datasheet HTML 6Page - Integrated Device Technology ICS571MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS571
LOW PHASE NOISE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER
3
ICS571
REV H 051310
External Components
The ICS571 requires a minimum number of external
components for proper operation.
A decoupling capacitor of 0.01µF must be connected
between VDD and GND on each side of the chip (between
pins 2 and 3, and between pins 6 and 5). They must be
connected close to the ICS571 to minimize lead inductance.
No external power supply filtering is required for this device.
A 33
Ω terminating resistor can be used next to each output
pin.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS571. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Item
Rating
Supply Voltage, VDD, referenced to GND
7 V
Inputs, referenced to GND
-0.5 V to VDD+0.5 V
Clock Output, referenced to GND
-0.5 V to VDD+0.5 V
Storage Temperature
-65 to +150
° C
Soldering Temperature, max of 10 seconds
260
° C
Ambient Operating Temperature
0 to +70
° C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com