Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571MLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS571MLF
Description  LOW PHASE NOISE ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS571MLF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS571MLF Datasheet HTML 1Page - Integrated Device Technology ICS571MLF Datasheet HTML 2Page - Integrated Device Technology ICS571MLF Datasheet HTML 3Page - Integrated Device Technology ICS571MLF Datasheet HTML 4Page - Integrated Device Technology ICS571MLF Datasheet HTML 5Page - Integrated Device Technology ICS571MLF Datasheet HTML 6Page - Integrated Device Technology ICS571MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS571
LOW PHASE NOISE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER
4
ICS571
REV H 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 5.0 V or 3.3 V, Ambient Temperature 0 to +70
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Supply Voltage
VDD
3
5.5
V
Input High Voltage
VIH
ICLK, FBIN (pins 1 and 8)
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
ICLK, FBIN (pins 1 and 8)
VDD/2
VDD/2-1
V
Output High Voltage,
CMOS level
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
IDD Operating Supply
Current, 133 in, 133 out
No load, 3.3 V
34
mA
IDD Operating Supply
Current, 50 in, 100 out
No load, 3.3 V
26
mA
Short Circuit Current
IOS
Each output
±100
mA
Input Capacitance
CIN
ICLK, FBIN
5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com