Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2406P Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 14Page - Dallas Semiconductor DS2406P Datasheet HTML 15Page - Dallas Semiconductor DS2406P Datasheet HTML 16Page - Dallas Semiconductor DS2406P Datasheet HTML 17Page - Dallas Semiconductor DS2406P Datasheet HTML 18Page - Dallas Semiconductor DS2406P Datasheet HTML 19Page - Dallas Semiconductor DS2406P Datasheet HTML 20Page - Dallas Semiconductor DS2406P Datasheet HTML 21Page - Dallas Semiconductor DS2406P Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
DS2406
18 of 30
DS2406 EQUIVALENT CIRCUIT Figure 11
1-Wire Interface
PIO
Ground
PIO Channel
Reset
D
"1"
Q
Q
Activity
Latch
DQ
Q
1-Wire DATA
Channel
Flip-Flop
to PIO-
Control
10 M
Ω
Typ.
from PIO-
Control
R
Edge
Detector
DATA
RX
TX
100
Ω
MOSFET
Ground
5 µA
Typ.
BUS MASTER CIRCUIT Figure 12
A) Open Drain
12V
Open Drain
Port Pin
S
D
D
S
470 pF
D
S
PGM
D
S
2N7000
2N7000
2N7000
VP0300L
OR
VP0106N3
OR
BSS110
Capacitor added to reduce
coupling on data line due to
programming signal switching
VPUP
RX
TX
B) Standard TTL
TTL-Equivalent
Port Pins
5 k
Ω
12V
(10 mA min.)
to data connection
of DS2406
PROGRAMMING PULSE
The diode and programming circuit are not required if one does not intend to program the EPROM cells
VPUP
RX
TX
DD
V
5 k
Ω
to data connection
of DS2406
DD
V
DS5000 OR 8051-
EQUIVALENT
5 k
Ω
10 k
Ω
10 k
Ω
BUS MASTER
BUS MASTER
The interface is reduced to the
pull-up resistor if one does not intend to program the EPROM cells.
5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com