Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2406P Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 22Page - Dallas Semiconductor DS2406P Datasheet HTML 23Page - Dallas Semiconductor DS2406P Datasheet HTML 24Page - Dallas Semiconductor DS2406P Datasheet HTML 25Page - Dallas Semiconductor DS2406P Datasheet HTML 26Page - Dallas Semiconductor DS2406P Datasheet HTML 27Page - Dallas Semiconductor DS2406P Datasheet HTML 28Page - Dallas Semiconductor DS2406P Datasheet HTML 29Page - Dallas Semiconductor DS2406P Datasheet HTML 30Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
DS2406
28 of 30
ABSOLUTE MAXIMUM RATINGS*
Voltage on DATA or PIO-A to Ground
-0.5V to +13.0V
Voltage on VCC or PIO-B to Ground
-0.5V to +6.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
DATA PIN
(VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
1-Wire Input High
VIH
2.2
V
1, 6
1-Wire Input Low
VIL
-0.3
0.8
V
1, 13
1-Wire Output Low @ 4 mA
VOL
0.4
V
1
1-Wire Output High
VOH
VPUP
6.0
V
1, 2
Input Load Current
IL
5µA
3
Programming Voltage @ 10 mA
VPP
11.5
12.0
V
DC ELECTRICAL CHARACTERISTICS
PIO PINs
(VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1 (A)
VIHA
2.2
12
V
1, 6
Logic 0 (A)
VILA
-0.3
0.6
V
1
Output Sink Current @ 4V (A)
ISA
See graph on page 30
mA
11, 12
Output Logic High (A)
VOHA
VPUPA
12.0
V
1, 2
Logic 1 (B)
VIHB
2.2
6.0
V
1, 6
Logic 0 (B)
VILB
-0.3
0.4
V
1
Output Sink Current @ 4V (B)
ISB
See graph on page 30
mA
Output Logic High (B)
VOHB
VPUPB
6.0
V
1, 2
Input Resistance
RI
710
13
M
Ω
9
DC ELECTRICAL CHARACTERISTICS VCC (VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIHC
2.8
6.0
V
1, 10
Logic 0
VILC
-0.3
0.8
V
1
Input Current
ICC
4.0
µA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com