Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2406P Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 22Page - Dallas Semiconductor DS2406P Datasheet HTML 23Page - Dallas Semiconductor DS2406P Datasheet HTML 24Page - Dallas Semiconductor DS2406P Datasheet HTML 25Page - Dallas Semiconductor DS2406P Datasheet HTML 26Page - Dallas Semiconductor DS2406P Datasheet HTML 27Page - Dallas Semiconductor DS2406P Datasheet HTML 28Page - Dallas Semiconductor DS2406P Datasheet HTML 29Page - Dallas Semiconductor DS2406P Datasheet HTML 30Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
DS2406
27 of 30
initial pass through the Extended Read Memory flow chart the 16-bit CRC value is the result of shifting
the command byte into the cleared CRC generator, followed by the two address bytes and the Redirection
Byte. Subsequent passes through the Extended Read Memory flow chart will generate a 16-bit CRC that
is the result of clearing the CRC generator and then shifting in only the Redirection Byte.
When writing to the DS2406 (either data memory or status memory), the bus master receives a 16-bit
CRC to verify that the data transfer was correct before applying the programming pulse. With the initial
pass through the Write Memory/Status flow chart the 16-bit CRC will be generated by clearing the CRC-
generator, shifting in the command, low address, high address and the data byte. Subsequent passes
through the Write Memory/ Status flow chart due to the DS2406 automatically incrementing its address
counter will generate a 16-bit CRC that is the result of loading (not shifting) the new (incremented)
address into the CRC generator and then shifting in the new data byte.
When communicating with a PIO channel using the Channel Access command, one can select whether
and how often a 16-bit CRC will be added to the data stream. This CRC selection is specified in the
Channel Control byte 1 and may be changed with every execution of the Channel Access command.
Depending on the CRC selection, the device can generate a CRC after every byte that follows the
Channel Info byte, after each block of eight bytes or after each block of 32 bytes. If the CRC is enabled,
with the initial pass through the Channel Access flow chart the 16-bit CRC will be generated by clearing
the CRC-generator, shifting in the command, Channel Control Bytes 1 and 2, Channel Info Byte and the
specified amount of data bytes (1, 8 or 32). Subsequent passes through the Channel Access flow chart
will generate a 16-bit CRC that is the result of clearing the CRC generator and then shifting in the new
data byte(s). This algorithm is valid for all accesses to the PIO channels, continuous reading or writing as
well as toggling between read and write.
The comparison of CRC values and decision to continue with an operation are determined entirely by the
bus master. There is no circuitry on the DS2406 that prevents a command sequence from proceeding if a
CRC error occurs. For more details on generating CRC values including example implementations in
both hardware and software, see the “Book of DS19xx iButton Standards”.
CRC-16 HARDWARE DESCRIPTION AND POLYNOMIAL Figure 17
INPUT DATA
R
Polynomial = X16 + X15 + X2 + 1
X2
X1
X0
X8
X7
X6
X5
X4
X3
8TH
STAGE
7TH
STAGE
6TH
STAGE
5TH
STAGE
4TH
STAGE
3RD
STAGE
2ND
STAGE
1ST
STAGE
S
X15
X14
X13
X12
X11
X10
X9
9TH
STAGE
10TH
STAGE
11TH
STAGE
12TH
STAGE
13TH
STAGE
14TH
STAGE
15TH
STAGE
16TH
STAGE
CRC
OUTPUT
X16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com