Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2406P Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 15Page - Dallas Semiconductor DS2406P Datasheet HTML 16Page - Dallas Semiconductor DS2406P Datasheet HTML 17Page - Dallas Semiconductor DS2406P Datasheet HTML 18Page - Dallas Semiconductor DS2406P Datasheet HTML 19Page - Dallas Semiconductor DS2406P Datasheet HTML 20Page - Dallas Semiconductor DS2406P Datasheet HTML 21Page - Dallas Semiconductor DS2406P Datasheet HTML 22Page - Dallas Semiconductor DS2406P Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
DS2406
19 of 30
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by a presence pulse(s) transmitted by the
slave(s). The presence pulse lets the bus master know that the DS2406 is on the bus and is ready to
operate. For more details, see the “1-Wire Signaling” section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the five ROM function commands that
the DS2406 supports. All ROM function commands are eight bits long. A list of these commands follows
(refer to flowchart in Figure 13):
Read ROM [33h]
This command allows the bus master to read the DS2406’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command should only be used only if there is a single slave on the bus. If
more than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the
same time (open drain will produce a wired-AND result). The resultant family code and 48-bit serial
number will be invalid.
Match ROM [55h]
The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a
specific DS2406 on a multidrop bus. Only the DS2406 that exactly matches the 64-bit ROM sequence
will respond to the subsequent memory function command. All slaves that do not match the 64-bit ROM
sequence will wait for a reset pulse. This command can be used with a single or multiple devices on the
bus.
Search ROM [F0h]
When a system is initially brought up, the bus master might not know the number of devices on the 1-
Wire bus or their 64-bit ROM codes. The Search ROM command allows the bus master to use a process
of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process
is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the
desired value of that bit. The bus master performs this 3-step routine on each bit of the ROM. After one
complete pass, the bus master knows the 64-bit ROM code of one device. Additional passes will identify
the ROM codes of the remaining devices. See Chapter 5 of the Book of DS19xx iButton Standards for a
comprehensive discussion of a search ROM, including an actual example.
Skip ROM [CCh]
This command can save time in a single drop bus system by allowing the bus master to access the
memory and channel access functions without providing the 64-bit ROM code. If more than one slave is
present on the bus and, for example, a read command is issued following the Skip ROM command, data
collision will occur on the bus as multiple slaves transmit simultaneously (open drain pull-downs will
produce a wired-AND result).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com