Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2406P Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 19Page - Dallas Semiconductor DS2406P Datasheet HTML 20Page - Dallas Semiconductor DS2406P Datasheet HTML 21Page - Dallas Semiconductor DS2406P Datasheet HTML 22Page - Dallas Semiconductor DS2406P Datasheet HTML 23Page - Dallas Semiconductor DS2406P Datasheet HTML 24Page - Dallas Semiconductor DS2406P Datasheet HTML 25Page - Dallas Semiconductor DS2406P Datasheet HTML 26Page - Dallas Semiconductor DS2406P Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DS2406
23 of 30
1-WIRE SIGNALING
The DS2406 requires strict protocols to ensure data integrity. The protocol consists of five types of
signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1, Read Data
and Program Pulse. Except for the presence pulse the bus master initiates all these signals.
The initialization sequence required to begin any communication with the DS2406 is shown in Figure 14.
A reset pulse followed by a presence pulse indicates the DS2406 is ready to send or receive data. The bus
master transmits (TX) a reset pulse (tRSTL, minimum 480 µs). The bus master then releases the line and
goes into receive mode (RX). The 1-Wire bus is pulled to a high state via the pull-up resistor. After
detecting the rising edge on the data pin, the DS2406 waits (tPDH, 15-60 µs) and then transmits the
presence pulse (tPDL, 60-240 µs).
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 14
RESISTOR
MASTER
DS2406
MASTER RX "PRESENCE PULSE"
480 µs ≤ tRSTL < ∞*
480 µs ≤ tRSTH < ∞ (includes recovery time)
15 µs ≤ tPDH < 60 µs
60 ≤ tPDL < 240 µs
MASTER TX
"RESET PULSE"
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tRSTH
tRSTL
tPDH
tPDL
tR
*
In order not to mask interrupt signaling by other devices on the 1-Wire bus, tRSTL + tR should
always be less than 960 µs. In a parasitically powered environment tRSTL should be limited to
maximum 5 ms. Otherwise the DS2406 may perform a power-on reset.
READ/WRITE TIME SLOTS
The definitions of write and read time slots are illustrated in Figure 15. The master initiates all time slots
by driving the data line low. The falling edge of the data line synchronizes the DS2406 to the master by
triggering an internal delay circuit. During write time slots, the delay circuit determines when the DS2406
will sample the data line. For a read data time slot, if a “0” is to be transmitted, the delay circuit
determines how long the DS2406 will hold the data line low. If the data bit is a “1”, the DS2406 will not
hold the data line low at all.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com