Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-AFM2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FT-AFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-AFM2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FT-AFM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 13Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
132
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
SPECIFICATIONS
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) When using the interference prevention function, set the emission frequencies for the amplifiers to be covered by the interference prevention function to
different frequency values.
However, the interference prevention function does not operate at emission frequency 0 (factory default setting) for the FX-101(P)(-Z) / FX-101(P)-CC2.
3) The voltage withstandability and the insulation resistance values given in the above table are for the amplifier only.
4) Connector attached cable CN-14A-C2 is not attached to the models that have no “-CC2” at the end of the model Nos.
Make sure to use the optional connector attached cable CN-14A(-R)-C□ or the connector CN-14A, or a connector manufactured by J.S.T. Mfg., Ltd.
(contact: SPHD-001T-P0.5, housing: PAP-04V-S).
Model Nos. having the suffix “-Z” are M8 plug-in connector type. Make sure to use the optional M8 attached connector cable CN-24A-C□.
Type
Standard type
Long sensing range type
Cable set
Cable set
NPN output
FX-101(-Z) (Note 4)
FX-101-CC2
FX-102(-Z) (Note 4)
FX-102-CC2
Item
PNP output
FX-101P(-Z) (Note 4)
FX-101P-CC2
FX-102P(-Z) (Note 4)
FX-102P-CC2
Supply voltage
12 to 24 V DC ± 10 % Ripple P-P 10 % or less
Power consumption
Normal operation: 720 mW or less (Current consumption 30 mA or less at 24 V supply voltage)
ECO mode: 600 mW or less (Current consumption 25 mA or less at 24 V supply voltage)
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1.5 V or less (at 100 mA sink current)
<PNP output type>
PNP open-collector transistor
• Maximum source current: 100 mA
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 1.5 V or less (at 100 mA source current)
Output operation
Selectable either Light-ON or Dark-ON, at SET mode
Short-circuit protection
Incorporated
External input
<NPN output type>
NPN non-contact input
• Signal condition
High: +8 V to +V DC or Open
Low: 0 to +2 V DC
(Source current 0.5 mA or less)
• Input impedance: 10 kΩ approx.
<PNP output type>
PNP non-contact input
• Signal condition
High: +4 V to +V DC
(Sink current 0.5 to 3 mA)
Low: 0 to +0.6 V DC or Open
• Input impedance: 10 kΩ approx.
Response time
Emission frequency 0: 250 μs or less (factory default setting)
Emission frequency 1: 450 μs or less
Emission frequency 2: 500 μs or less
Emission frequency 3: 600 μs or less
Emission frequency 1: 2.5 ms or less (factory default setting)
Emission frequency 2: 2.8 ms or less
Emission frequency 3: 3.2 ms or less
Emission frequency 4: 5.0 ms or less
Sensitivity setting
2-level teaching / Limit teaching / Full-auto teaching
Operation indicator
Orange LED (lights up when the output is ON)
Digital display
4 digits (green) + 4 digits (red) LCD display
Fine sensitivity adjustment function
Incorporated
Timer function
ON-delay / OFF-delay timer, switchable either effective or ineffective
[Timer period: 1 ms, 5 ms, 10 ms, 20 ms, 40 ms, 50 ms, 100 ms, 500 ms, 1,000 ms]
Attenuation function
Incorporated
Switchable either effective or ineffective
Interference prevention
function
Incorporated
Emission frequency selection method (Note 2)
(Functions at emission frequency 1, 2 or 3)
Incorporated
Emission frequency selection method (Note 2)
(Functions at emission frequency 1, 2, 3 or 4)
Ambient temperature
–10 to +55 °C +14 to +131 °F (If 4 to 7 units are mounted close together: –10 to +50 °C +14 to +122 °F, if 8 to 16 units are mounted close together:
–10 to +45 °C +14 to +113 °F) (No dew condensation or icing allowed), Storage: –20 to +70 °C –4 to +158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 3,000 ℓx at the light-receiving face
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure (Note 3)
Insulation resistance
20 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure (Note 3)
Vibration resistance
10 to 150 Hz frequency, 0.75 mm 0.030 in amplitude in X, Y and Z directions for two hours each
Shock resistance
98 m/s2 acceleration (10 G approx.) in X, Y and Z directions for five times each
Emitting element (modulated)
Red LED (Peak emission wavelength: 632 nm 0.025 mil)
Material
Enclosure: Polycarbonate, Key switch: Polycarbonate, Fiber lock lever: PBT
Connecting method
Connector (Note 4)
Cable length
Total length up to 100 m 328.084 ft is possible with 0.3 mm2, or more, cable.
Weight
Net weight: 15 g approx.
Gross weight: 35 g approx.
Net weight: 15 g approx.
Gross weight: 75 g approx.
Net weight: 15 g approx.
Gross weight: 35 g approx.
Net weight: 15 g approx.
Gross weight: 75 g approx.
Accessory
–
CN-14A-C2
(Connector attached cable, 2 m 6.562 ft long): 1pc.
–
CN-14A-C2
(Connector attached cable, 2 m 6.562 ft long): 1pc.
Refer to p.101~ for fiber specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com