Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-AFM2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FT-AFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-AFM2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FT-AFM2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 13Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 14Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
133 DigitalFiberSensorFX-100SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber sensor
Ampilifiers
I/O CIRCUIT AND WIRING DIAGRAMS
FX-10□(-Z/-CC2)
NPN output type
Users’ circuit
Internal circuit
+
–
12 to 24 V DC
± 10 %
100 mA max.
* 1
D
Tr
Load
(Brown) +V
(Blue) 0 V
(White) Extemal input
(Black) Output
Terminal No.
Color code of cable with connector
ZD
+8 V
1
2
3
4
I/O circuit diagram
1
2
3
4
Terminal arrangement diagram
Connector type
Terminal No.
Function
1
+V
2
Output
3
External input
4
0 V
M8 plug-in connector type
Terminal No.
Function
1
+V
2
Output
3
External input
4
0 V
1
2
3
4
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : NPN output transistor
Non-voltage contact or NPN open-collector transistor
or
High (+8 V to +V DC, or open): Ineffective
Low [(0 to +2 V DC (source current 0.5 mA or less)]: Effective
1
*
FX-10□P(-Z/-CC2)
PNP output type
I/O circuit diagram
Users’ circuit
Internal circuit
12 to 24 V DC
± 10 %
100 mA max.
* 1
D
Tr
ZD
Load
+
–
(Brown) +V
(Blue) 0 V
(White) External input
(Black) Output
Terminal No.
Color code of cable with connector
2
3
4
1
2
3
4
Terminal arrangement diagram
Connector type
Terminal No.
Function
1
+V
2
Output
3
External input
4
0 V
M8 plug-in connector type
Terminal No.
Function
1
+V
2
Output
3
External input
4
0 V
1
2
3
4
Non-voltage contact or PNP open-collector transistor
or
High [ +4 V to +V DC (sink current 0.5 to 3 mA)]: Effective
Low (0 to +0.6 V DC, or open): Ineffective
1
*
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : PNP output transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com