Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-AFM2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FT-AFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-AFM2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FT-AFM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
130
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
Lens (For thru-beam type fiber)
Designation
Model No.
Description
Expansion
lens
(Note 1)
FX-LE1
Increases the sensing
range by 5 times or more.
• Ambient temperature:
–60 to +350 °C
–76 to +662 °F
(Note 3)
Sensing range (mm in) [Lens on both sides]
Amplifier
Fiber
FX-101□
FX-102□
FT-B8
2,200 86.614
3,500 137.795 (Note 2)
FT-FM2, FT-T80
3,000 118.110
3,500 137.795 (Note 2)
FT-R80
1,900 74.803
3,500 137.795 (Note 2)
FT-W8
3,000 118.110
3,500 137.795 (Note 2)
FT-P80, FT-P60
3,500 137.795 (Note 2) 3,500 137.795 (Note 2)
FT-P81X
1,600 62.992 (Note 2) 1,600 62.992 (Note 2)
FT-H35-M2
2,000 78.740
3,500 137.795 (Note 2)
FT-H20W-M1
1,300 51.181
1,600 62.992 (Note 2)
FT-H20-M1
1,600 62.992 (Note 2) 1,600 62.992 (Note 2)
FT-H20-J20-S, FT-H20-J30-S, FT-H20-J50-S 1,000 39.370
3,500 137.795 (Note 2)
Super-
expansion
lens
(Note 1)
FX-LE2
Tremendously increases the
sensing range with large
diameter lenses.
• Ambient temperature:
–60 to +350 °C
–76 to +662 °F
(Note 3)
Sensing range (mm in) [Lens on both sides]
Amplifier
Fiber
FX-101□
FX-102□
FT-B8, FT-FM2, FT-R80, FT-W8, FT-P80, FT-P60 3,500 137.795 (Note 2) 3,500 137.795 (Note 2)
FT-P81X
1,600 62.992 (Note 2) 1,600 62.992 (Note 2)
FT-H35-M2
3,500 137.795 (Note 2) 3,500 137.795 (Note 2)
FT-H20W-M1, FT-H20-M1 1,600 62.992 (Note 2) 1,600 62.992 (Note 2)
FT-H13-FM2
3,500 137.795 (Note 2) 3,500 137.795 (Note 2)
FT-H20-J20-S, FT-H20-J30-S, FT-H20-J50-S 3,500 137.795 (Note 2) 3,500 137.795 (Note 2)
Side-view
lens
FX-SV1
Beam axis is bent by 90°.
• Ambient temperature:
–60 to +300 °C
–76 to +572 °F
(Note 3)
Sensing range (mm in) [Lens on both sides]
Amplifier
Fiber
FX-101□
FX-102□
FT-B8
530 20.866
1,450 57.087
FT-FM2, FT-T80
550 21.654
1,700 66.929
FT-W8
450 17.717
1,300 51.181
FT-P80
420 16.535
1,400 55.118
FT-P60
300 11.811
850 33.465
FT-P81X
550 21.654
1,700 66.929
FT-H35-M2
280 11.024
800 31.496
FT-H20W-M1
140 5.512
400 15.748
FT-H20-M1
280 11.024
840 33.071
FT-H20-J20-S, FT-H20-J30-S, FT-H20-J50-S
150 5.906
410 16.142
Expansion
lens for vacuum-
resistant fiber
(Note 1)
FV-LE1
Sensing range increases by
4 times or more.
• Ambient temperature:
–60 to +350 °C –76 to +662 °F
(Note 3)
Sensing range (mm in) [Lens on both sides] (Note 4)
Amplifier
Fiber
FX-101□
FX-102□
FT-H30-M1V
450 17.717
1,600 62.992
Side-view
lens for
vacuum-
resistant fiber
FV-SV2
Beam axis is bent by 90°.
• Ambient temperature:
–60 to +300 °C –76 to +572 °F
(Note 3)
Sensing range (mm in) [Lens on both sides] (Note 4)
Amplifier
Fiber
FX-101□
FX-102□
FT-H30-M1V
450 17.717
1,600 62.992
Notes: 1) Be careful when installing the thru-beam type fiber equipped with the expansion lens, as the beam envelope becomes narrow and alignment is difficult.
Especially when installing a fiber with many cores (sharp bending fibers and heat-resistant glass fiber), please be sure to use it only after you have
adjusted it sufficiently.
2) The fiber cable length practically limits the sensing range to 3,500 mm 137.795 in long (FT-H20W-M1, FT-P81X and FT-H20-M1: 1,600 mm 62.992 in).
3) For details on the ambient temperatures for the fibers which being combined, refer to p.101~.
4) The fiber cable length for the FT-H30-M1V is 1 m 3.281 ft. The sensing ranges in FX-102□ (long sensing range type) take into account the length of the
FT-J8 atmospheric side fiber.
FIBER OPTIONS
The dimensions are on p.120~.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com