Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-AFM2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FT-AFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-AFM2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FT-AFM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
127 DigitalFiberSensorFX-100SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber sensor
Ampilifiers
Model No.
Sensing range (mm in) (Note 1)
Dimensions
Standard type FX-101□ Long sensing range type FX-102□
FT-A8
1,500 59.055 3,500 137.795 (Note 2)
P.106
FT-A30
3,500 137.795 (Note 2) 3,500 137.795 (Note 2)
P.106
FT-AFM2
280 11.024
720 28.346
P.106
FT-AFM2E
240 9.449
670 26.378
P.106
FT-B8
400 15.748
1,150 45.276
P.106
FT-E12
6 0.236
19 0.748
P.106
FT-E22
15 0.591
60 2.362
P.106
FT-FM2
300 11.811
800 31.496
P.106
FT-FM2S
P.106
FT-FM2S4
P.106
FT-FM10L
9,300 366.141
15,000 590.550
P.106
FT-H13-FM2
250 9.843
700 27.559
P.106
FT-H20-J20-S (Note 3)
135 5.315
420 16.535
P.107
FT-H20-J30-S (Note 3)
P.107
FT-H20-J50-S (Note 3)
P.107
FT-H20-M1
210 8.268
540 21.260
P.107
FT-H20-VJ50-S (Note 3)
150 5.906
500 19.685
P.107
FT-H20-VJ80-S (Note 3)
P.107
FT-H20W-M1
100 3.937
300 11.811
P.107
FT-H30-M1V-S (Note 4)
110 4.331
280 11.024
P.107
FT-H35-M2
170 6.693
490 19.291
P.107
FT-H35-M2S6
P.107
FT-HL80Y
990 38.976
2,340 92.126
P.107
FT-K8
1,000 39.370
3,000 118.110
P.108
FT-KV1
135 5.315
500 19.685
P.108
FT-KV8
1,000 39.370
3,000 118.110
P.108
FT-L80Y
1,100 43.307
2,600 102.362
P.108
FT-NFM2
130 5.118
280 11.024
P.108
FT-NFM2S
P.108
FT-NFM2S4
P.108
FT-P2
120 4.724
330 12.992
P.108
FT-P40
80 3.150
240 9.449
P.108
FT-P60
130 5.118
300 11.811
P.108
FT-P80
230 9.055
650 25.591
P.108
FT-P81X
260 10.236
800 31.496
P.108
Notes: 1) Please take care that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) The fiber cable length practically limits the sensing range to 3,500 mm 137.795 in long.
3) Heat-resistant joint fibers and ordinary-temperature side fibers (FT-FM2) are sold as a set. Please refer to p.93~ for details.
4) Sold as a set comprising vacuum-resistant type fiber + photo-terminal (FV-BR1) + fiber at atmospheric side (FT-J8). Please refer to p.91~ for details.
Thru-beam type (one pair set)
Fibers are listed in alphabetic order. Refer to p.63~ “Fiber Selection” for details of each fiber.
LIST OF FIBERS
Model No.
Sensing range (mm in) (Note 1)
Dimensions
Standard type FX-101□ Long sensing range type FX-102□
FT-PS1
40 1.575
90 3.543
P.109
FT-R80
180 7.087
430 16.929
P.109
FT-SFM2
300 11.811
800 31.496
P.109
FT-SFM2L
760 29.921
2,400 94.488
P.109
FT-SFM2SV2
180 7.087
470 18.504
P.109
FT-SNFM2
130 5.118
280 11.024
P.109
FT-T80
300 11.811
800 31.496
P.109
FT-V10
1,000 39.370
2,350 92.520
P.109
FT-V22
140 5.512
380 14.961
P.109
FT-V41
40 1.575
120 4.724
P.109
FT-V80Y
340 13.386
800 31.496
P.109
FT-W4
80 3.150
220 8.661
P.109
FT-W8
260 10.236
650 25.591
P.110
FT-WA8
1,500 59.055 3,500 137.795 (Note 2)
P.110
FT-WA30
3,500 137.795 (Note 2) 3,500 137.795 (Note 2)
P.110
FT-WKV8
700 27.559
2,200 86.614
P.110
FT-WR80
215 8.465
570 22.441
P.110
FT-WR80L
430 16.929
1,150 45.276
P.110
FT-WS3
150 5.906
600 23.622
P.110
FT-WS4
80 3.150
220 8.661
P.110
FT-WS8
260 10.236
650 25.591
P.110
FT-WS8L
600 23.622
1,500 59.055
P.110
FT-WV42
30 1.181
80 3.150
P.110
FT-WZ4
230 9.055
670 26.378
P.110
FT-WZ4HB
80 3.150
230 9.055
P.111
FT-WZ7
330 12.992
1,000 39.370
P.111
FT-WZ7HB
190 7.480
580 22.835
P.111
FT-WZ8
330 12.992
950 37.402
P.111
FT-WZ8E
700 27.559
2,100 82.677
P.111
FT-WZ8H
1,200 47.244
2,800 110.236
P.111
FT-Z8
360 14.173
1,000 39.370
P.111
FT-Z8E
800 31.496
1,850 72.835
P.111
FT-Z8H
1,400 55.118
3,100 122.047
P.111
FT-Z802Y
520 20.472
3,100 122.047
P.111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com