Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-AFM2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT-AFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-AFM2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT-AFM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-AFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
126
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
Amplifiers
Type
Appearance
Model No.
Emitting
element
Output
FX-101 (Note 2)
Red LED
NPN open-collector
transistor
FX-101-Z (Note 3)
NPN open-collector
transistor
FX-101P (Note 2)
PNP open-collector
transistor
FX-101P-Z (Note 3)
PNP open-collector
transistor
FX-101-CC2
NPN open-collector
transistor
FX-101P-CC2
PNP open-collector
collector transistor
FX-102 (Note 2)
NPN open-collector
transistor
FX-102-Z (Note 3)
NPN open-collector
transistor
FX-102P (Note 2)
PNP open-collector
transistor
FX-102P-Z (Note 3)
PNP open-collector
transistor
FX-102-CC2
NPN open-collector
transistor
FX-102P-CC2
PNP open-collector
transistor
ORDER GUIDE
Accessory
CN-14A-C2
•
Connector attached
cable 2 m 6.562 ft
Only include cable set type
*
Notes: 1) The connector attached cable CN-14A-C2 is supplied with the amplifier.
2) Make sure to use the optional connector attached cable CN-14A(-R)-C□ or the connector CN-14A, or a connector manufactured by J.S.T. Mfg. Co., Ltd.
(contact: SPHD-001T-P0.5, housing: PAP-04V-S)
3) Make sure to use the optional M8 connector attached cable CN-24A-C□.
Designation
Model No.
Description
Connector
attached cable
CN-14A-C1
1 m 3.281 ft
0.02 mm2 4-core cabtyre cable with connector
on one end
Cable outer diameter: ø3.7 mm ø0.146 in
CN-14A-C2 (Note) 2 m 6.562 ft
CN-14A-C3
3 m 9.843 ft
CN-14A-C5
5 m 16.404 ft
Connector
attached cable
(Flexible type)
CN-14A-R-C1
1 m 3.281 ft
CN-14A-R-C2
2 m 6.562 ft
CN-14A-R-C3
3 m 9.843 ft
CN-14A-R-C5
5 m 16.404 ft
M8 connector
attached cable
CN-24A-C2
2 m 6.562 ft
For M8 plug-in connector type
The connector on one end
Cable outer diameter: ø4 mm ø0.157 in
CN-24A-C5
5 m 16.404 ft
Connector
CN-14A
Set of 10 housings and 40 contacts
Protection cover
FC-FX-1
This protects the operating surfaces.
Amplifier
mounting bracket MS-DIN-4
Mounting bracket for amplifier
End plates
MS-DIN-E
When it moves depending on the way it is installed on a DIN rail,
these end plates ensure that all amplifiers are mounted together
in a secure and fully connected manner.
Two pcs.per set
M8 connector attached cable
CN-24A-C□
•
Protection cover
FC-FX-1
•
OPTIONS
Amplifier mounting
bracket
MS-DIN-4
•
Connector
CN-14A
•
Note: The connector attached cable CN-14A-C2 is supplied with the cable set type FX-10□(P)-CC2.
Recommended connector
Recommended crimping tool
Contact: SPHD-001T-P0.5, Housing: PAP-04V-S
(Manufactured by J.S.T. Mfg. Co., Ltd.)
Note: Contact the manufacturer for details of the recommended products.
Model No.: YC-610R
(Manufactured by J.S.T. Mfg. Co., Ltd.)
Note: Contact the manufacturer for details of the recommended products.
Contact
Housing
ø9
ø0.354
31.4
1.236
ø4
ø0.157
M8 connector
attached cable
CN-24A-C□
Fixing ring
Connector
attached cable
CN-14A(-R)-C□
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com