Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
13 of 90
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
1)
The mentioned typical values of IC properties are provided for information only and shall not be considered as statistical
guaranteed mean values. Typical values are not subject for measurement while the electrical test of each IC – they are correct by
design.
2)
If the output current exceeds the configured current limit, the IC will raise an overload signal which causes up-counting of the
overload counter (if configured) and which definitely limits the output current. However, the current limit will be performed after a
certain settling time in order to ensure the configured slope of the output signal.
3)
Absolute edge rise and fall times are proportional to VDD_HV
4)
A minimum of the output current must be provided by the application circuit. Otherwise the DC/DC converter shall be unused by
interconnecting the FB pin with the LR_OUT pin. The required voltage divider (refer to Figure 3.21) may provide this current partly
or in full.
5)
Slew-rate measured after settlement time of the output signal
6)
Configurable with an external voltage divider (refer to chapter 3.5)
7)
The ripple on the output voltage depends significantly on both the external components and the PCB layout. Reference PCB
layouts are available from ZMDI. The layouts used in the application kits are shown in Figure 4.4; detailed layout data of the
application kits are available from ZMDI upon request.
8)
The efficiency of the DC/DC converter is depending on the external components and the used PCB layout. Moreover, there is an
influence from several operational conditions which is illustrated in the diagram of Figure 2.2
9)
Microcontroller interface pins are : RST_L, SPI_EN_L, INT_L, WURQ_L, TX_EN/SPI_CLK, TX/MOSI, RX/MISO, AUX_EN,
AUX_TX, AUX_RX, DC_RDY
10)
Current consumption is measured by applying the maximum supply voltage at the supply pins VDD and LR_IN (VVDD_HV=36V,
Vin=36V) and using a decoupling cap of 10µF between LR_OUT and ground. Both VDD and both VSS pins are interconnected,
respectively. Pins TX_EN/SPI_CLK, AUX_TX, TX_EN, AUX_EN, PFD, COM_I, AUX_I are connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com