Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 33Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 34Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 35Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 36Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
34 of 90
The READ and WRITE
14 access is defined in the value of bit 7 (0=write; 1=read) of the 2nd byte which is called
the SHIFT byte. Bit 6:0 represent the repeat count. This value defines the number of additional consecutive bytes
to be accessed. In case of a write access the SHIFT byte following bytes are the actual data to be written into the
memory location(s). Table 3.5 illustrates the building of the SHIFT byte in using an example.
Table 3.5
Example for building the SHIFT Byte
Number of
bytes to be
accessed
SHIFT byte value
In case of a write
access
SHIFT byte value
In case of a read
access
1
0000 0000
1000 0000
2
0000 0001
1000 0001
3
0000 0010
1000 0010
…
…
…
16
0000 1111
1000 1111
If the transferred data stream of one telegram exceeds the border line of the chosen memory block, all following
accesses will be disregarded. No wrap will happen! For more details refer to Table 3.6.
Table 3.6
Valid Address and Length Combinations
Segment
Address
Length = SHIFT[6:0]
Comment
00 0000
…
00 1111
000 0000…000 1111
…
000 0000…000 0000
Configuration-register block
00
01 0000
…
01 1001
01 1111
000 0000…000 1111
…
000 0000…000 0101
000 0000…000 0000
Status register block
Although status registers can be accessed up to
address 31 the useful range is only up to address 25
01
00 0000
…
00 1110
000 0000
…
000 0000
EEPROM is directly accessible via SPI but there is
no block operation allowed
Figure 3.12 SPI Command Structure
14 Note: IC versions ZIOL2xx2 do not allow any write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com