Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7000 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ZLED7000 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ZLED7000
40V LED Driver with Internal Switch
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
16 of 19
4
Operating Conditions
4.1
Thermal Conditions
Refer to Table 1.1 for maximum package power dissipation specifications for the ZLED7000’s SOT89-5
package. Exceeding these specifications due to operating the chip at high ambient temperatures (see Table
1.2 for maximum operating temperature range) or driving over the maximum load current (see Table 1.1) can
damage the ZLED7000. The ZLED7000 can be used for LED current applications up to750mA when properly
mounted to a high wattage land pattern. Conditions such as operating below the minimum supply voltage or
inefficiency of the circuit due to improper coil selection or excessive parasitic capacitance on the output can
cause excessive chip power dissipation.
4.2
Thermal Shut-Down Protection
The ZLED7000 includes an on-board temperature sensing circuit which stops the output if the junction
exceeds approximately 160°C.
4.3
Open-Circuit Protection
The ZLED7000 is inherently protected if there is an open-circuit in the connection to the LEDs because in this
case, the coil is isolated from the LX pin. This prevents any back EMF from damaging the internal switch due
to forcing the drain above its breakdown voltage.
5
ESD/Latch-Up-Protection
All pins have an ESD protection of >± 2000V according to the Human Body Model (HBM) except for pin 1,
which has a protection level of >± 1000V. The ESD test follows the Human Body Model with 1.5 kΩ/100 pF
based on MIL 883-G, Method 3015.7
Latch-up protection of >± 100mA has been proven based on JEDEC No. 78A Feb. 2006, temperature class 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com