Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZLED7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ZLED7000
40V LED Driver with Internal Switch
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 19
1
IC Characteristics
1.1
Absolute Maximum Ratings
Table 1.1
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage
VIN
-0.3
50
V
VIN > 5V
VIN - 5
VIN + 0.3
V
1.1.2
ISENSE voltage
VISENSE
VIN < 5V
0
VIN + 0.3
V
1.1.3
LX output voltage
VLX
-0.3
50
V
1.1.4
Adjust pin input voltage
VADJ
-0.3
6
V
1.1.5
Switch output current
ILX
SOT89-5
900
mA
1.1.6
Power dissipation
Ptot
SOT89-5
1200
mW
1.1.7
Storage temperature
TST
-55
150
°C
1.1.8
Junction temperature
Tj MAX
150
°C
1.2
Operating Conditions
Table 1.2
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
TOP
-40
+85
°C
1.2.2
Input voltage
VIN
6
40
V
1.3
Electrical Parameters
Production testing is at 25°C. At other temperatures within the specified operating range, functional operation
of the chip and specified parameters are guaranteed by characterization, design, and process control.
Test conditions are Tamb = 25°C; VIN = 12V except as noted.
Table 1.3
Electrical Parameters
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Quiescent supply current
with output off
IINQoff
ADJ pin grounded
40
60
80
μA
1.3.2
Quiescent supply current
with output switching
IINQon
ADJ pin floating
450
600
μA
1.3.3
Mean current sense
threshold voltage
VSENSE
91
95
101
mV
1.3.4
Sense threshold hysteresis
VSENSEHYS
±15
%
1.3.5
ISENSE pin input current
ISENSE
VSENSE = 0.1V
8
10
μA
1.3.6
Internal reference voltage
VREF
Measured on ADJ pin with
pin floating
1.2
V
1.3.7
External control voltage
range on ADJ pin for DC
brightness control
VADJ
0.3
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com