Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7000 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ZLED7000 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ZLED7000
40V LED Driver with Internal Switch
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
17 of 19
6
Pin Configuration and Package
Figure 6.1
Pin Configuration and Package Drawing SOT89-5
Table 4.1
Pin Description SOT89-5
Table 4.2
Package Dimensions SOT89-5
Dimension (mm)
Dimension (mm)
Symbol
Min
Max
Symbol
Min
Max
A
1.400
1.600
E
2.300
2.600
b
0.320
0.520
E1
3.940
4.250
b1
0.360
0.560
e
1.500 Typ
c
0.350
0.440
e1
2.900
3.100
D
4.400
4.600
L
0.900
1.100
D1
1.400
1.800
The SOT89-5 package has a thermal resistance (junction to ambient) of RθJA = 45 K/W.
Pin Name
No.
Description
LX
1
Power switch drain
GND
2
Ground (0V)—see section 7.4 for layout considerations
ADJ
3
Output current control pin—see section 2.3 for details
ISENSE
4
Nominal average output current is set by the value of a resistor RS connected from ISENSE to VIN – see
section 2.3.1 for details
VIN
5
Supply voltage (6V to 40V)—see section 7.3 for layout considerations
b
b1
e1
e
D
D1
L
E1
E
c
A
LX
VIN
GND
Thermal Pad
ADJ
ISENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com