Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZLED7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ZLED7000
40V LED Driver with Internal Switch
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 19
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.8
DC voltage on ADJ pin to
switch chip from active (ON)
state to quiescent (OFF)
state
VADJoff
VADJ falling
0.15
0.2
0.25
V
1.3.9
DC voltage on ADJ pin to
switch chip from quiescent
(OFF) state to active (ON)
state
VADJon
VADJ rising
0.2
0.25
0.3
V
1.3.10
Resistance between ADJ
pin and VREF
RADJ
500
kΩ
1.3.11
Continuous LX switch
current
ILXmean
0.65
0.75
A
1.3.12
LX switch leakage current
ILX(leak)
1
μA
1.3.13
LX Switch ON resistance
RLX
0.9
1.5
Ω
1.3.14
Brightness control range at
low frequency PWM signal
DPWM(LF)
PWM frequency =100Hz
PWM amplitude=5V,
VIN=15V, L=27μH, driving
1 LED
1200:1
1.3.15
Brightness control range at
high frequency PWM signal
DPWM(HF)
PWM frequency =10kHz
PWM amplitude=5V,
VIN=15V, L=27μH, driving
1 LED
13:1
1.3.16
Operating frequency
fLX
ADJ pin floating L=100μH
(0.82Ω) IOUT=350mA @
VLED=3.4V, driving 1 LED
154
kHz
1.3.17
Minimum switch ON time
TONmin
LX switch ON
200
ns
1.3.18
Minimum switch OFF time
TOFFmin
LX switch OFF
200
ns
1.3.19
Recommended maximum
operating frequency
fLXmax
1
MHz
1.3.20
Recommended duty cycle
range of output switch at
fLXmax
DLX
0.2
0.8
1.3.21
Internal comparator
propagation delay
TPD
50
ns
1.3.22
Thermal shutdown
temperature
TSD
140
°C
1.3.23
Thermal shutdown
hysteresis
TSD-HYS
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com